Electronic Components Datasheet Search
  English  ▼

X  

MIC5200 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5200
Description  100mA Low-Dropout Voltage Regulator Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5200 Datasheet HTML 1Page - Micrel Semiconductor MIC5200 Datasheet HTML 2Page - Micrel Semiconductor MIC5200 Datasheet HTML 3Page - Micrel Semiconductor MIC5200 Datasheet HTML 4Page - Micrel Semiconductor MIC5200 Datasheet HTML 5Page - Micrel Semiconductor MIC5200 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MIC5200
Micrel
3-123
July 1998
3
MIC5200-3.3
Enable
Output
MIC5200
100mA Low-Dropout Voltage Regulator
Preliminary Information
General Description
The MIC5200 is an efficient linear voltage regulator with very
low dropout voltage (typically 17mV at light loads and 200mV
at 100mA), and very low ground current (1mA at 100mA
output), offering better than 1% initial accuracy with a logic
compatible ON/OFF switching input. Designed especially for
hand-held battery powered devices, the MIC5200 is switched
by a CMOS or TTL compatible logic signal. The ENABLE
control may be tied directly to V
IN if unneeded. When disabled,
power consumption drops nearly to zero. The ground current
of the MIC5200 increases only slightly in dropout, further
prolonging battery life. Key MIC5200 features include protec-
tion against reversed battery, current limiting, and over-
temperature shutdown.
The MIC5200 is available in several fixed voltages and
accuracy configurations. Other options are available; contact
Micrel for details.
Features
• High output voltage accuracy
• Variety of output voltages
• Guaranteed 100mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Zero OFF mode current
• Logic-controlled electronic shutdown
• Available in 8-lead SOIC, MM8™ 8-lead MSOP,
and SOT-223 packages
Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery Powered Equipment
• PCMCIA V
CC and VPP Regulation/Switching
• Bar Code Scanners
• SMPS Post-Regulator/ DC to DC Modules
• High Efficiency Linear Power Supplies
Typical Application
1
µF
Ordering Information
Part Number
Voltage
Accuracy
Junction Temp. Range*
Package
MIC5200-3.0BM
3.0
1%
–40
°C to +125°C
SO-8
MIC5200-3.3BM
3.3
1%
–40
°C to +125°C
SO-8
MIC5200-4.8BM
4.85
1%
–40
°C to +125°C
SO-8
MIC5200-5.0BM
5.0
1%
–40
°C to +125°C
SO-8
MIC5200-3.3BMM
3.3V
1%
–40
°C to +125°C
MSOP-8
MIC5200-5.0BMM
5.0V
1%
–40
°C to +125°C
MSOP-8
MIC5200-3.0BS
3.0
1%
–40
°C to +125°C
SOT-223
MIC5200-3.3BS
3.3
1%
–40
°C to +125°C
SOT-223
MIC5200-4.8BS
4.85
1%
–40
°C to +125°C
SOT-223
MIC5200-5.0BS
5.0
1%
–40
°C to +125°C
SOT-223
Other voltages available. Contact Micrel for details.


Similar Part No. - MIC5200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
100 mA Low-Dropout Regulator
06/23/16
logo
Micrel Semiconductor
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5200-3.0BS MICREL-MIC5200-3.0BS Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5200-3.0YM MICREL-MIC5200-3.0YM Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
logo
Microchip Technology
MIC5200-3.0YM MICROCHIP-MIC5200-3.0YM Datasheet
320Kb / 24P
100 mA Low-Dropout Regulator
06/23/16
More results

Similar Description - MIC5200

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
IttyBitty??Negative Low-Dropout Regulator Preliminary Information
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com