Electronic Components Datasheet Search
  English  ▼

X  

MIC5200 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5200
Description  100mA Low-Dropout Voltage Regulator Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5200 Datasheet HTML 1Page - Micrel Semiconductor MIC5200 Datasheet HTML 2Page - Micrel Semiconductor MIC5200 Datasheet HTML 3Page - Micrel Semiconductor MIC5200 Datasheet HTML 4Page - Micrel Semiconductor MIC5200 Datasheet HTML 5Page - Micrel Semiconductor MIC5200 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MIC5200
Micrel
3-125
July 1998
3
Electrical Characteristics
Limits in standard typeface are for T
J = 25°C and limits in boldface apply over the junction temperature range of –40°C to +125°C.
Unless otherwise specified, V
IN = VOUT + 1V, IL = 1mA, CL = 3.3µF, and VENABLE ≥ 2.0V
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage
Variation from specified V
OUT
–1
1
%
Accuracy
–2
2
∆V
O
Output Voltage
(Note 2)
40
150
ppm/
°C
∆T
Temperature Coef.
∆V
O
Line Regulation
V
IN = VOUT + 1 V to 26V
0.004
0.10
%
V
IN
0.40
∆V
O
Load Regulation
I
L = 0.1mA to 100mA (Note 3)
0.04
0.16
%
V
OUT
0.30
V
IN – VO
Dropout Voltage
I
L = 100µA17
mV
(Note 4)
I
L = 20mA
130
I
L = 30mA
150
I
L = 50mA
190
I
L = 100mA
230
350
I
GND
Quiescent Current
V
ENABLE ≤ 0.7V (Shutdown)
0.01
10
µA
I
GND
Ground Pin Current
V
ENABLE ≥ 2.0V, IL = 100µA
130
µA
I
L = 20mA
270
350
I
L = 30mA
330
I
L = 50mA
500
I
L = 100mA
1000
1500
PSRR
Ripple Rejection
70
dB
I
GNDDO
Ground Pin
V
IN = 0.5V less than specified VOUT
270
330
µA
Current at Dropout
I
L = 100µA (Note 5)
I
LIMIT
Current Limit
V
OUT = 0V
100
250
mA
∆V
O
Thermal Regulation
(Note 6)
0.05
%/W
∆P
D
e
n
Output Noise
100
µV
ENABLE Input
Input Voltage Level
V
IL
Logic Low
OFF
0.7
V
Logic High
ON
2.0
I
IL
ENABLE Input Current
V
IL ≤ 0.7V
0.01
1
µA
I
IH
V
IH ≥ 2.0V
15
50
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not
apply when operating the device outside of its rated operating conditions. The maximum allowable power dissipation is a
function of the maximum junction temperature, T
J (MAX), the junction-to-ambient thermal resistance, θJA, and the ambient
temperature, T
A. The maximum allowable power dissipation at any ambient temperature is calculated using: P(MAX) =
(T
J(MAX) –TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown. The
θ
JC of the MIC5200-xxBS is 15°C/W and θJA for the MIC5200BM is 160°C/W
mounted on a PC board (see “Thermal Considerations” section for further details).
Note 2:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 3:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation
in the load range from 0.1mA to 100mA. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
Note 4:
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
Note 5:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply
is the sum of the load current plus the ground pin current.
Note 6:
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding
load or line regulation effects. Specifications are for a 100mA load pulse at V
IN = 26V for t = 10ms.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com