Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS2985
Description  Uses standard 27MHz crystal
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2985 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS2985 Datasheet HTML 9Page - Gennum Corporation GS2985 Datasheet HTML 10Page - Gennum Corporation GS2985 Datasheet HTML 11Page - Gennum Corporation GS2985 Datasheet HTML 12Page - Gennum Corporation GS2985 Datasheet HTML 13Page - Gennum Corporation GS2985 Datasheet HTML 14Page - Gennum Corporation GS2985 Datasheet HTML 15Page - Gennum Corporation GS2985 Datasheet HTML 16Page - Gennum Corporation GS2985 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
13 of 45
Proprietary & Confidential
Eye Cross Shift
−
percentage of signal
amplitude
−−
5%
−
Power Supply Noise Rejection
−
50 - 100Hz
−
100
−
mVp-p
−
100Hz - 10MHz
−
40
−
mVp-p
−
10MHz - 1.485GHz
−
10
−
mVp-p
−
Notes:
1. Accumulated jitter measured peak to peak differential over 1000 hits.
Table 2-2: AC Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com