Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS2985
Description  Uses standard 27MHz crystal
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2985 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS2985 Datasheet HTML 17Page - Gennum Corporation GS2985 Datasheet HTML 18Page - Gennum Corporation GS2985 Datasheet HTML 19Page - Gennum Corporation GS2985 Datasheet HTML 20Page - Gennum Corporation GS2985 Datasheet HTML 21Page - Gennum Corporation GS2985 Datasheet HTML 22Page - Gennum Corporation GS2985 Datasheet HTML 23Page - Gennum Corporation GS2985 Datasheet HTML 24Page - Gennum Corporation GS2985 Datasheet HTML 25Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
21 of 45
Proprietary & Confidential
4.5 Crystal Buffer
The GS2985 features a crystal buffer supporting a Gennum recommended external 27MHz
crystal. The GS2985 requires an external 27MHz reference clock for correct operation. This
reference clock is generated by connecting a crystal to the XTAL- and XTAL+ pins of the device.
Alternately, a 27MHz external clock source can be connected to the XTAL- pin of the device,
while the XTAL+ pin should be left floating.
4.6 LOS (Loss Of Signal) Detection
The LOS (Loss Of Signal) status pin is an active-high output that indicates when the serial digital
input signal selected at the 4:1 input mux is invalid. In order for this output to be asserted,
transitions must not be present for a period of tLA = 5 - 10μs. After this output has been asserted,
LOS will de-assert within tLD = 0 - 5μs after the appearance of a transition at the DDIx input. See
Figure 4-1.
This signal is HIGH (signal lost), when the number of data edges within a window is below a
defined threshold. The output is automatically muted when LOS is detected.
This signal is LOW (signal valid), when the number of data edges within a window is above a
defined threshold. See Table 4-4.
The LOS function is operational for all operating modes of the device.
Figure 4-1: LOS Signal Timing
The LOS detector has two major modes. In legacy mode, a simple edge-based detector is used to
monitor the received signal at the output of the data slicer. Since the incoming signal has
undergone considerable gain by this point, the legacy detector can be more susceptible to false
de-assertion of LOS for unused channels which experience significant cross-talk from adjacent
active channels.
Table 4-4: LOS Operation
LOS
Signal
HIGH
Invalid
LOW
Valid
DATA
LOS
t
LA
t
LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com