Electronic Components Datasheet Search
  English  ▼

X  

MIC5201 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5201
Description  200mA Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5201 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5201 Datasheet HTML 4Page - Micrel Semiconductor MIC5201 Datasheet HTML 5Page - Micrel Semiconductor MIC5201 Datasheet HTML 6Page - Micrel Semiconductor MIC5201 Datasheet HTML 7Page - Micrel Semiconductor MIC5201 Datasheet HTML 8Page - Micrel Semiconductor MIC5201 Datasheet HTML 9Page - Micrel Semiconductor MIC5201 Datasheet HTML 10Page - Micrel Semiconductor MIC5201 Datasheet HTML 11Page - Micrel Semiconductor MIC5201 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC5201
Micrel
MIC5201
8
July 1998
Applications Information
Figure 1 shows a basic fixed-voltage application with the
unused enable input connected to V
IN.
MIC5201-x.xBM
MIC5201-x.xBS
IN
OUT
GND
1µF
VIN
VOUT
EN
Figure 1. Fixed Application
Adjustable regulators require two resistors to set the output
voltage. See Figure 2.
MIC5201BM
IN
OUT
GND
VIN
EN
ADJ
3.3µF
VOUT
R1
R2
V
1.242V 1
R2
R1
OUT =+


Figure 2. Adjustable Application
Resistors values are not critical because ADJ (adjust) has a
high impedance, but for best results use resistors of 470k
Ω
or less.
Output Capacitors
A 1
µF capacitor is recommended between the MIC5201
output and ground to prevent oscillations due to instability.
Larger values serve to improve the regulator’s transient
response. Most types of tantalum or aluminum electrolytics
will be adequate; film types will work, but are costly and
therefore not recommended. Many aluminum electrolytics
have electrolytes that freeze at about –30
°C, so solid tanta-
lums are recommended for operation below –25
°C. The
important parameters of the capacitor are an effective series
resistance of about 5
Ω or less and a resonant frequency
above 500kHz. The value of this capacitor may be increased
without limit.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.47
µF for current below 10mA or 0.33µF for currents below
1mA.
Input Capacitors
A 1
µF capacitor should be placed from the MIC5201 input to
ground if there is more than 10 inches of wire between the
input and the ac filter capacitor or if a battery is used as the
input.
Noise Reduction Capacitors
On adjustable devices, a capacitor from ADJ to GND will
decrease high-frequency noise on the output. See Figure 3.
MIC5201BM
IN
OUT
GND
VIN
EN
ADJ
3.3µF
VOUT
R1
R2
CADJ
Figure 3. Decreasing Ouput Noise
Minimum Load
The MIC5201 will remain stable and in regulation with no load
unlike many other voltage regulators.
This is especially
important in CMOS RAM keep-alive applications.
Dual-Supply Systems
When used in dual supply systems where the regulator load
is returned to a negative supply, the output voltage must be
diode clamped to ground.Thermal Considerations
Layout
The MIC5201-x.xBM (8-pin surface mount package) has the
following thermal characteristics when mounted on a single
layer copper-clad printed circuit board.
d
r
a
o
B
C
P
c
i
r
t
c
e
l
e
i
D
θθθθθ
A
J
4
R
FW
/
C
°
0
6
1
c
i
m
a
r
e
CW
/
C
°
0
2
1
Multilayer boards having a ground plane, wide traces near the
pads, and large supply bus lines provide better thermal
conductivity.
The “worst case” value of 160
°C/W assumes no ground
plane, minimum trace widths, and a FR4 material board.
Nominal Power Dissipation and Die Temperature
The MIC5201-x.xBM at a 25
°C ambient temperature will
operate reliably at up to 625mW power dissipation when
mounted in the “worst case” manner described above. At an
ambient temperature of 55
°C, the device may safely dissi-
pate 440mW. These power levels are equivalent to a die
temperature of 125
°C, the recommended maximum tem-
perature for non-military grade silicon integrated circuits.
For MIC5201-x.xBS (SOT-223 package) heat sink character-
istics, please refer to Micrel Application Hint 17,
P.C. Board
Heat Sinking.
245 mil
30 mil
50 mil
50 mil
150 mil
Figure 4. Min. Recommended SO-8 PCB Pads Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com