Electronic Components Datasheet Search
  English  ▼

X  

MIC5201 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5201
Description  200mA Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5201 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5201 Datasheet HTML 1Page - Micrel Semiconductor MIC5201 Datasheet HTML 2Page - Micrel Semiconductor MIC5201 Datasheet HTML 3Page - Micrel Semiconductor MIC5201 Datasheet HTML 4Page - Micrel Semiconductor MIC5201 Datasheet HTML 5Page - Micrel Semiconductor MIC5201 Datasheet HTML 6Page - Micrel Semiconductor MIC5201 Datasheet HTML 7Page - Micrel Semiconductor MIC5201 Datasheet HTML 8Page - Micrel Semiconductor MIC5201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 1998
1
MIC5201
MIC5201
Micrel
MIC5201
200mA Low-Dropout Voltage Regulator
General Description
The MIC5201 is an efficient linear voltage regulator with very
low dropout voltage (typically 17mV at light loads and 200mV
at 100mA), and very low ground current (1mA at 100mA
output), offering better than 1% initial accuracy with a logic
compatible on-off switching input.
Designed especially for hand-held battery powered devices,
the MIC5201 can be switched by a CMOS or TTL compatible
enable signal. This enable control may be connected directly
to V
IN if unneeded. When disabled, power consumption
drops nearly to zero. The ground current of the MIC5201
increases only slightly in dropout, further prolonging battery
life. Key MIC5201 features include current limiting,
overtemperature shutdown, and protection against reversed
battery.
The MIC5201 is available in several fixed voltages and
accuracy configurations. It features the same pinout as the
LT1121 with better performance. Other options are available;
contact Micrel for details.
Typical Application
ENABLE
SHUTDOWN
MIC5201-3.3
IN
OUT
GND
1µF
VOUT
3.3V
EN
Features
• High output voltage accuracy
• Variety of output voltages
• Guaranteed 200mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• Load-dump protection (fixed voltage versions)
• Zero off-mode current
• Logic-controlled electronic enable
• Available in SO-8 and SOT-223 packages
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery powered equipment
• PCMCIA V
CC and VPP regulation/switching
• Bar code scanners
• SMPS post-regulator/ dc-to-dc modules
• High-efficiency linear power supplies
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MM8 is a trademark of Micrel, Inc.
Ordering Information
Part Number
Voltage
Junction Temp. Range*
Package
MIC5201BM
Adj
–40
°C to +125°C
SO-8
MIC5201-3.0BM
3.0
–40
°C to +125°C
SO-8
MIC5201-3.3BM
3.3
–40
°C to +125°C
SO-8
MIC5201-5.0BM
5.0
–40
°C to +125°C
SO-8
MIC5201-3.0BS
3.0
–40
°C to +125°C
SOT-223
MIC5201-3.3BS
3.3
–40
°C to +125°C
SOT-223
MIC5201-4.8BS
4.85
–40
°C to +125°C
SOT-223
MIC5201-5.0BS
5.0
–40
°C to +125°C
SOT-223
Other voltages available. Contact Micrel for details.
* Junction Temperature.


Similar Part No. - MIC5201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BS MICREL-MIC5201-3.0BS Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BS MICREL-MIC5201-3.0BS Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
More results

Similar Description - MIC5201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com