Electronic Components Datasheet Search
  English  ▼

X  

GS3441 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS3441
Description  Automatic power-down on loss of signal
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3441 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS3441 Datasheet HTML 9Page - Gennum Corporation GS3441 Datasheet HTML 10Page - Gennum Corporation GS3441 Datasheet HTML 11Page - Gennum Corporation GS3441 Datasheet HTML 12Page - Gennum Corporation GS3441 Datasheet HTML 13Page - Gennum Corporation GS3441 Datasheet HTML 14Page - Gennum Corporation GS3441 Datasheet HTML 15Page - Gennum Corporation GS3441 Datasheet HTML 16Page - Gennum Corporation GS3441 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
13 of 25
Proprietary & Confidential
www.semtech.com
Figure 3-4: SLEEP, BYPASS, OP2_EN
and GAIN_SEL Circuits
Figure 3-5: OP1_EN Circuit
Figure 3-6: CD Circuit
SLEEP,
BYPASS,
OP2_EN,
GAIN_SEL
100k
Ω
VCC_A
VCC_A
OP1_EN
100k
Ω
VCC_A
VCC_A
CD
Internal
2.5V
VCC_A
Figure 3-7: OP1_CTL Circuit
Figure 3-8: OP2_CTL Circuit
VCC_A
Internal Reference
Internal Reference
OP1_CTL
Internal Circuitry
1M
Ω
VCC_A
VCC_A
Internal Reference
Internal Reference
OP2_CTL
Internal Circuitry
100k
Ω
VCC_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com