Electronic Components Datasheet Search
  English  ▼

X  

GS3441 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS3441
Description  Automatic power-down on loss of signal
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3441 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS3441 Datasheet HTML 17Page - Gennum Corporation GS3441 Datasheet HTML 18Page - Gennum Corporation GS3441 Datasheet HTML 19Page - Gennum Corporation GS3441 Datasheet HTML 20Page - Gennum Corporation GS3441 Datasheet HTML 21Page - Gennum Corporation GS3441 Datasheet HTML 22Page - Gennum Corporation GS3441 Datasheet HTML 23Page - Gennum Corporation GS3441 Datasheet HTML 24Page - Gennum Corporation GS3441 Datasheet HTML 25Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
21 of 25
Proprietary & Confidential
www.semtech.com
6. Package & Ordering Information
6.1 Package Dimensions
6.2 Packaging Data
4.00
A
B
2.71±0.14
DATUM A
DATUM B
DETAIL A
0.25±0.05
0.50
24X
0.10
0.05
C
C
AB
0.30@45°
PIN 1 AREA
2X
2X
0.15
0.15
C
C
C
0.10
24X
0.08 C
C
SEATING PLANE
DATUM A OR B
TERMINAL TIP
DETAIL A
0.50
0.50/2
NOTES:
1. ALL DIMENSION IN MM, ANGLES IN DEGREES DIMENSIONING AND TOLERANCING COFORM
TO ASME Y14.5M 1994
2. DIMENSION OF LEAD WIDTH APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN
0.15mm AND 0.30mm FROM THE TERMINAL TIP (BOTH ROWS). IF THE TERMINAL HAS OPTIONAL
RADIUS ON THE END OF THE TERMINAL, THE LEAD WIDTH DIMENSION SHOULD NOT BE
MEASURED IN THAT RADIUS AREA
Parameter
Value
Package Type
4mm x 4mm 24-pin QFN
Package Drawing Reference
JEDEC M0220
Moisture Sensitivity Level
1
Junction to Case Thermal Resistance,
θj-c
31.0°C/W
Junction to Air Thermal Resistance,
θj-a (at zero airflow)
43.8°C/W
Psi,
ψ
11.0°C/W
Pb-free and RoHS compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com