Electronic Components Datasheet Search
  English  ▼

X  

MIC5202 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5202
Description  Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5202 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5202 Datasheet HTML 1Page - Micrel Semiconductor MIC5202 Datasheet HTML 2Page - Micrel Semiconductor MIC5202 Datasheet HTML 3Page - Micrel Semiconductor MIC5202 Datasheet HTML 4Page - Micrel Semiconductor MIC5202 Datasheet HTML 5Page - Micrel Semiconductor MIC5202 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MIC5202
Micrel
July 1998
3-135
3
MIC5202
Dual 100mA Low-Dropout Voltage Regulator
Preliminary Information
Typical Application
Ordering Information
Part Number
Volts Accuracy Temperature Range* Package
MIC5202-3.0BM
3.0
1%
–40
°C to +125°C
SO-8
MIC5202-3.3BM
3.3
1%
–40
°C to +125°C
SO-8
MIC5202-4.8BM
4.85
1%
–40
°C to +125°C
SO-8
MIC5202-5.0BM
5.0
1%
–40
°C to +125°C
SO-8
Pin Configuration
Other voltages are available; contact Micrel for details.
Features
•
High output voltage accuracy
•
Variety of output voltages
•
Guaranteed 100mA output
•
Low quiescent current
•
Low dropout voltage
•
Extremely tight load and line regulation
•
Very low temperature coefficient
•
Current and thermal limiting
•
Reverse-battery protection
•
Zero OFF mode current
•
Logic-controlled electronic shutdown
•
Available in SO-8 package
Applications
•
Cellular Telephones
•
Laptop, Notebook, and Palmtop Computers
•
Battery Powered Equipment
•
PCMCIA V
CC and VPP Regulation/Switching
•
Bar Code Scanners
•
SMPS Post-Regulator/ DC to DC Modules
•
High Efficiency Linear Power Supplies
General Description
The MIC5202 is a family of dual linear voltage regulators with
very low dropout voltage (typically 17mV at light loads and
210mV at 100mA), and very low ground current (1mA at
100mA output–each section), offering better than 1% initial
accuracy with a logic compatible ON/OFF switching input.
Designed especially for hand-held battery powered devices,
the MIC5202 is switched by a CMOS or TTL compatible logic
signal. This ENABLE control my be tied directly to V
IN if
unneeded. When disabled, power consumption drops nearly
to zero. The ground current of the MIC5202 increases only
slightly in dropout, further prolonging battery life. Key MIC5202
features include protection against reversed battery, current
limiting, and over-temperature shutdown.
The MIC5202 is available in several fixed voltages. Other
options are available; contact Micrel for details.
MIC5202-3.3
Enable B
Output A
Output B
Enable A
Both GROUND pins must be tied to
the same potential. V
IN (A) and VIN (B) may run
from separate supplies.
* Junction Temperature
1
µ (x2)
ENABLE pins may be tied directly to V
IN
GROUND
VOUT (A)
VIN (A)
ENABLE (B)
MIC5202-xxBM
VOUT (B)
ENABLE (A)
VIN (B)
GROUND


Similar Part No. - MIC5202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
logo
Microchip Technology
MIC5202 MICROCHIP-MIC5202 Datasheet
535Kb / 22P
Dual 100 mA Low-Dropout Regulator
06/23/16
logo
Micrel Semiconductor
MIC5202-3.0BM MICREL-MIC5202-3.0BM Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202-3.0YM MICREL-MIC5202-3.0YM Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202-3.0YM MICREL-MIC5202-3.0YM Datasheet
1Mb / 10P
Dual, 100mA Low-Dropout Regulator
More results

Similar Description - MIC5202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
IttyBitty??Negative Low-Dropout Regulator Preliminary Information
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
Dual, 100mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com