Electronic Components Datasheet Search
  English  ▼

X  

MIC5202 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5202
Description  Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5202 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5202 Datasheet HTML 1Page - Micrel Semiconductor MIC5202 Datasheet HTML 2Page - Micrel Semiconductor MIC5202 Datasheet HTML 3Page - Micrel Semiconductor MIC5202 Datasheet HTML 4Page - Micrel Semiconductor MIC5202 Datasheet HTML 5Page - Micrel Semiconductor MIC5202 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MIC5202
Micrel
July 1998
3-137
3
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not
apply when operating the device outside of its rated operating conditions. The maximum allowable power dissipation is a
function of the maximum junction temperature, T
J(MAX) the junction-to-ambient thermal resistance, θJA, and the ambient
temperature, T
A.
The maximum allowable power dissipation at any ambient temperature is calculated using: P
(MAX) =
(T
J(MAX) –TA) / θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown. The junction to ambient thermal resistance of the MIC5202BM is 160
°C/W mounted
on a PC board.
Note 2:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 3:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation
in the load range from 0.1mA to 100mA. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
Note 4:
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
Note 5:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply
is the sum of the load current plus the ground pin current.
Note 6:
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding
load or line regulation effects. Specifications are for a 100mA load pulse at V
IN = 26V for t = 10ms, and is measured separately
for each section.
0
50
100
150
200
250
0.01
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0.0
0.1
0.2
0.3
0.4
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
I
L = 100mA
I
L = 1mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
024
68
10
INPUT VOLTAGE (V)
Dropout
Characteristics
I
L = 100mA
I
L = 100µA, 1mA
0.1
1
10
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
024
68
10
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
L = 100mA
I
L = 1mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
OUTPUT CURRENT (A)
Output Voltage
vs. Output Current
C
IN = 2.2µF
C
OUT = 4.7µF
Typical Characteristics (Each Regulator—2 Regulators/Package)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com