Electronic Components Datasheet Search
  English  ▼

X  

MIC5203 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5203
Description  關Cap??80mA Low-Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5203 Datasheet HTML 1Page - Micrel Semiconductor MIC5203 Datasheet HTML 2Page - Micrel Semiconductor MIC5203 Datasheet HTML 3Page - Micrel Semiconductor MIC5203 Datasheet HTML 4Page - Micrel Semiconductor MIC5203 Datasheet HTML 5Page - Micrel Semiconductor MIC5203 Datasheet HTML 6Page - Micrel Semiconductor MIC5203 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-146
December 1998
MIC5203
Micrel
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Output Impedance
I
L = 100µA
I
L = 1mA
I
L = 100mA
-1
0
1
2
3
4
5
-2
0
2
4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Enable Characteristics
(3.3V Version)
C
L = 0.1µF
I
L = 100µA
-1.0
0.0
1.0
2.0
3.0
4.0
-2
0
2
4
-2
02
46
8
10
TIME (
µs)
Enable Characteristics
(3.3V Version)
C
L = 0.1µF
I
L = 100µA
-1
0
1
2
3
4
5
-2
0
2
4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Enable Characteristics
(3.3V Version)
C
L = 1µF
I
L = 100µA
-1.0
0.0
1.0
2.0
3.0
4.0
-2
0
2
4
-2
0
246
8
10
TIME (
µs)
Enable Characteristics
(3.3V Version)
C
L = 1µF
I
L = 100µA
0.50
0.75
1.00
1.25
1.50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Enable Voltage
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
I
L = 1mA
V
ON
V
OFF
0
10
20
30
40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Enable Current
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
I
L = 1mA
V
EN = 5V
V
EN = 2V
Awaiting Further
Characterization
Data
Awaiting Further
Characterization
Data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com