Electronic Components Datasheet Search
  English  ▼

X  

MIC5203 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5203
Description  關Cap??80mA Low-Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5203 Datasheet HTML 1Page - Micrel Semiconductor MIC5203 Datasheet HTML 2Page - Micrel Semiconductor MIC5203 Datasheet HTML 3Page - Micrel Semiconductor MIC5203 Datasheet HTML 4Page - Micrel Semiconductor MIC5203 Datasheet HTML 5Page - Micrel Semiconductor MIC5203 Datasheet HTML 6Page - Micrel Semiconductor MIC5203 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3-142
December 1998
MIC5203
Micrel
Absolute Maximum Ratings (Note 1)
Input Supply Voltage (V
IN) ............................ –20V to +20V
Enable Input Voltage (V
EN) ........................... –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Storage Temperature Range (T
S) ............ –60°C to +150°C
Lead Temperature (Soldering, 5 sec.) ...................... 260
°C
Operating Ratings (Note 2)
Input Voltage (V
IN) ........................................... 2.5V to 16V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature Range ................... –40
°C to +125°C
Thermal Resistance
(θ
JA) ......................................... Note 3
Pin Configuration
GND
OUT
IN
EN
LAxx
Part
Identification
1
2
34
SOT-143 (M4)
IN
OUT
NC
EN
LKxx
1
3
45
2
GND
SOT-23-5 (M5)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
SOT-143
SOT-23-5
1
2
GND
Ground
2
3
EN
Enable (Input): TTL/CMOS compatible control input. Logic high = enabled;
logic low or open = shutdown.
3
1
IN
Supply Input
4
NC
Not internally connected.
4
5
OUT
Regulator Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com