Electronic Components Datasheet Search
  English  ▼

X  

MIC5216 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5216
Description  500mA-Peak Output LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5216 Datasheet HTML 1Page - Micrel Semiconductor MIC5216 Datasheet HTML 2Page - Micrel Semiconductor MIC5216 Datasheet HTML 3Page - Micrel Semiconductor MIC5216 Datasheet HTML 4Page - Micrel Semiconductor MIC5216 Datasheet HTML 5Page - Micrel Semiconductor MIC5216 Datasheet HTML 6Page - Micrel Semiconductor MIC5216 Datasheet HTML 7Page - Micrel Semiconductor MIC5216 Datasheet HTML 8Page - Micrel Semiconductor MIC5216 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2000
1
MIC5216
MIC5216
Micrel
Typical Applications
MIC5216
500mA-Peak Output LDO Regulator
Preliminary Information
General Description
The MIC5216 is an efficient linear voltage regulator with high
peak output current capability, very low dropout voltage, and
better than 1% output voltage accuracy. Dropout is typically
10mV at light loads and less than 500mV at full load.
The MIC5216 is designed to provide a peak output current for
startup conditions where higher inrush current is demanded.
It features a 500mA peak output rating. Continuous output
current is limited only by package and layout.
The MIC5216 has an internal undervoltage monitor with a flag
output. It also can be enabled or shutdown by a CMOS or TTL
compatible signal. When disabled, power consumption drops
nearly to zero. Dropout ground current is minimized to help
prolong battery life. Other key features include reversed-
battery protection, current limiting, overtemperature shut-
down, and low noise performance.
The MIC5216 is available in fixed output voltages in space-
saving SOT-23-5 and MM8™ 8-lead power MSOP pack-
ages. For higher power requirements see the MIC5209 or
MIC5237.
Features
• Error Flag indicates undervoltage fault
• Guaranteed 500mA-peak output over the full operating
temperature range
• Low 500mV maximum dropout voltage at full load
• Extremely tight load and line regulation
• Tiny SOT-23-5 and MM8™ power MSOP-8 package
• Low-noise output
• Low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• CMOS/TTL-compatible enable/shutdown control
• Near-zero shutdown current
Applications
• Laptop, notebook, and palmtop computers
• Cellular telephones and battery-powered equipment
• Consumer and personal electronics
• PC Card V
CC and VPP regulation and switching
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Ordering Information
Part Number
Marking
Volts
Junction Temp. Range
Package
MIC5216-3.0BMM
—
3.0V
–40
°C to +125°C
MSOP-8
MIC5216-3.3BMM
—
3.3V
–40
°C to +125°C
MSOP-8
MIC5216-3.6BMM
—
3.6V
–40
°C to +125°C
MSOP-8
MIC5216-5.0BMM
—
5.0V
–40
°C to +125°C
MSOP-8
MIC5216-3.0BM5
LH30
3.0V
–40
°C to +125°C
SOT-23-5
MIC5216-3.3BM5
LH33
3.3V
–40
°C to +125°C
SOT-23-5
MIC5216-3.6BM5
LH36
3.6V
–40
°C to +125°C
SOT-23-5
MIC5216-5.0BM5
LH50
5.0V
–40
°C to +125°C
SOT-23-5
1
2
3
4
8
7
6
5
MIC5216-5.0BMM
1.0µF
tantalum
VOUT
5V
VIN
6V
100k
Flag
5V Low-Noise Regulator
15
2
34
1.0µF
tantalum
VOUT
3.3V
MIC5216-3.3BM5
VIN
4V
ENABLE
SHUTDOWN
Flag
100k
3.3V Low-Noise Regulator
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC5216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5216-2.5BM5 MICREL-MIC5216-2.5BM5 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-2.5BMM MICREL-MIC5216-2.5BMM Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-2.5YM5 MICREL-MIC5216-2.5YM5 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-2.5YMM MICREL-MIC5216-2.5YMM Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216-3.3BM5 MICREL-MIC5216-3.3BM5 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5216

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
5A Fast-Response LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
Dual 50mA LDO Voltage Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
Dual 150mA LDO Regulator Preliminary Information
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
500mA-Peak Output LDO Regulator
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
Micropower 關Cap LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
500mA Low-Dropout Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com