Electronic Components Datasheet Search
  English  ▼

X  

MIC5216 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5216
Description  500mA-Peak Output LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5216 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5216 Datasheet HTML 1Page - Micrel Semiconductor MIC5216 Datasheet HTML 2Page - Micrel Semiconductor MIC5216 Datasheet HTML 3Page - Micrel Semiconductor MIC5216 Datasheet HTML 4Page - Micrel Semiconductor MIC5216 Datasheet HTML 5Page - Micrel Semiconductor MIC5216 Datasheet HTML 6Page - Micrel Semiconductor MIC5216 Datasheet HTML 7Page - Micrel Semiconductor MIC5216 Datasheet HTML 8Page - Micrel Semiconductor MIC5216 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
January 2000
3
MIC5216
MIC5216
Micrel
Electrical Characteristics
V
IN = VOUT + 1.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
OUT
Output Voltage Accuracy
variation from nominal V
OUT
–11
%
–22
%
∆V
OUT/∆T
Output Voltage
Note 2
40
ppm/
°C
Temperature Coefficient
∆V
OUT/VOUT
Line Regulation
V
IN = VOUT + 1V to 12V
0.009
0.05
%/V
0.1
∆V
OUT/VOUT
Load Regulation
I
OUT = 100µA to 500mA Note 3
0.05
0.5
%
0.7
V
IN – VOUT
Dropout Voltage, Note 4
I
OUT = 100µA10
60
mV
80
I
OUT = 50mA
115
175
mV
250
I
OUT = 150mA
165
300
mV
400
I
OUT = 500mA
300
500
mV
600
I
GND
Ground Pin Current, Notes 5, 6
V
EN ≥ 3.0V, IOUT = 100µA80
130
µA
170
V
EN ≥ 3.0V, IOUT = 50mA
350
650
µA
900
V
EN ≥ 3.0V, IOUT = 150mA
1.8
2.5
mA
3.0
V
EN ≥ 3.0V, IOUT = 500mA
8
20
mA
25
Ground Pin Quiescent Current,
V
EN ≤ 0.4V
0.05
3
µA
Note 6
V
EN ≤ 0.18V
0.10
8
µA
PSRR
Ripple Rejection
f = 120Hz
75
dB
I
LIMIT
Current Limit
V
OUT = 0V
700
1000
mA
∆V
OUT/∆PD
Thermal Regulation
Note 7
0.05
%/W
e
no
Output Noise
I
OUT = 50mA, COUT = 2.2µF500
nV/ Hz
ENABLE Input
V
ENL
Enable Input Voltage
V
EN = logic low (regulator shutdown)
0.4
V
0.18
V
ENH
V
EN = logic high (regulator enabled)
2.0
V
I
ENL
Enable Input Current
V
ENL ≤ 0.4V
0.01
–1
µA
V
ENL ≤ 0.18V
0.01
–2
µA
I
ENH
V
ENH ≥ 2.0V
5
20
µA
25
Error Flag Output
V
ERR
Flag Threshold
undervoltage condition (below nominal)
–2
–6
–10
%
Note 8
V
IL
Output Logic-Low Voltage
I
L = 1mA, undervoltage condition
0.2
0.4
V
I
FL
Flag Leakage Current
flag off, V
FLAG = 0V to 12V
–1
0.1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com