Electronic Components Datasheet Search
  English  ▼

X  

MIC5236 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5236
Description  Low Quiescent Current 關Cap LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5236 Datasheet HTML 1Page - Micrel Semiconductor MIC5236 Datasheet HTML 2Page - Micrel Semiconductor MIC5236 Datasheet HTML 3Page - Micrel Semiconductor MIC5236 Datasheet HTML 4Page - Micrel Semiconductor MIC5236 Datasheet HTML 5Page - Micrel Semiconductor MIC5236 Datasheet HTML 6Page - Micrel Semiconductor MIC5236 Datasheet HTML 7Page - Micrel Semiconductor MIC5236 Datasheet HTML 8Page - Micrel Semiconductor MIC5236 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5236
Micrel
MIC5236
4
November 2000
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
IN
Enable Input Current
V
EN = 0.6V, regulator off
0.01
1.0
µA
2.0
µA
V
EN = 2.0V, regulator on
0.15
1.0
µA
2.0
µA
V
EN = 30V, regulator on
0.5
2.5
µA
5.0
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3:
The absolute maximum positive supply voltage (60V) must be of limited duration (
≤100ms) and duty cycle (≤1%). The maximum continuous
supply voltage is 30V.
Note 4:
The maximum allowable power dissipation of any T
A (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum
allowable power dissipation will result in excessive die termperature, and the regulator will go into thermal shutdown. The
θ
JA of the
MIC5236-x.xBM (all versions) is 63
°C/W, and the MIC5236-x.xBMM (all versions) is 80°C/W, mounted on a PC board (see “Thermal Charac-
teristics” for further details).
Note 5.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 6:
Output voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
Note 7:
Regulation is measured at constant junction temperature using pulse testing with a low duty-cycle. Changes in output voltage due to heating
effects are covered by the specification for thermal regulation.
Note 8:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1.0V
differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com