Electronic Components Datasheet Search
  English  ▼

X  

MIC5236 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5236
Description  Low Quiescent Current 關Cap LDO Regulator Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5236 Datasheet HTML 1Page - Micrel Semiconductor MIC5236 Datasheet HTML 2Page - Micrel Semiconductor MIC5236 Datasheet HTML 3Page - Micrel Semiconductor MIC5236 Datasheet HTML 4Page - Micrel Semiconductor MIC5236 Datasheet HTML 5Page - Micrel Semiconductor MIC5236 Datasheet HTML 6Page - Micrel Semiconductor MIC5236 Datasheet HTML 7Page - Micrel Semiconductor MIC5236 Datasheet HTML 8Page - Micrel Semiconductor MIC5236 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
November 2000
5
MIC5236
MIC5236
Micrel
Typical Characteristics
0
100
200
300
400
0
40
80
120
160
200
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
MIC5236-3.0
V
OUT = 98% of Nominal VOUT
1.0
1.5
2.0
2.5
3.0
3.5
1.5
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
Dropout Characteristics
I
LOAD = 10mA
I
LOAD = 50mA
I
LOAD = 100mA
I
LOAD = 150mA
MIC5236-3.0
0
100
200
300
400
500
600
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
I
LOAD = 150mA
MIC5236-3.0
0
1
2
3
4
0
20 40 60 80 100 120 140 160
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
V
IN = 4V
V
IN = 10V
MIC5236-3.0
0
5
10
15
20
25
0
100
200
300
400
500
OUTPUT CURRENT (
µA)
Ground Pin Current
vs. Output Current
V
IN = 10V
V
IN = 4V
MIC5236-3.0
0
1
2
3
4
5
0
123456
78
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
LOAD = 100µA
V
OUT = 3V
MIC5236-3.0
I
LOAD = 150mA
0
10
20
30
40
50
60
70
80
90
100
012
345678
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
LOAD = 10mA
MIC5236-3.0
1mA
100
µA
10
µA
0
0.02
0.04
0.06
0.08
0.10
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
V
IN = 4V
I
LOAD = 10mA
MIC5236-3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
V
IN = 4V
I
LOAD = 75mA
MIC5236-3.0
0
1
2
3
4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
V
IN = 4V
I
LOAD = 150mA
MIC5236-3.0
2.985
2.990
2.995
3.000
3.005
3.010
3.015
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
V
IN = 4V
I
LOAD = 150mA
MIC5236-3.0
255
260
265
270
275
280
285
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
V
OUT = 0V
MIC5236-3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com