Electronic Components Datasheet Search
  English  ▼

X  

MIC5841 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5841
Description  8-Bit Serial-Input Latched Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5841 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5841 Datasheet HTML 1Page - Micrel Semiconductor MIC5841 Datasheet HTML 2Page - Micrel Semiconductor MIC5841 Datasheet HTML 3Page - Micrel Semiconductor MIC5841 Datasheet HTML 4Page - Micrel Semiconductor MIC5841 Datasheet HTML 5Page - Micrel Semiconductor MIC5841 Datasheet HTML 6Page - Micrel Semiconductor MIC5841 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Micrel
MIC5841/5842
7-48
October 1998
Typical Applications, Continued
MIC5842 Negative/Positive Supply PIN Diode Driver Transmit/Receive Switch
1
2
3
4
5
6
7
14
13
12
11
10
8
9
15
16
17
18
C
DD
V
SS
V
SUB
SUB
ST
OE
10k
RFC
1000p
15
+75V
Transmitter
10k
RFC
1000p
25
+75V
10k
RFC
1000p
25
+75V
RFC
Antenna
Receiver
Diode
D1
D2
D3
(Latch 1)
(Latch 5)
(Latch 8)
Receive
OFF
ACTIVE
OFF
Transmit
ACTIVE
OFF
ACTIVE
+75V
PIN Diodes: UM9651
CLOCK
STROBE
DATA IN
–5V
+5V
0.01µ
0.01µ
0.01µ
+
100µ
D1
D2
D3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com