Electronic Components Datasheet Search
  English  ▼

X  

MIC5841 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5841
Description  8-Bit Serial-Input Latched Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5841 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5841 Datasheet HTML 1Page - Micrel Semiconductor MIC5841 Datasheet HTML 2Page - Micrel Semiconductor MIC5841 Datasheet HTML 3Page - Micrel Semiconductor MIC5841 Datasheet HTML 4Page - Micrel Semiconductor MIC5841 Datasheet HTML 5Page - Micrel Semiconductor MIC5841 Datasheet HTML 6Page - Micrel Semiconductor MIC5841 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Micrel
MIC5841/5842
7-46
October 1998
Maximum Allowable Duty Cycle (Plastic DIP)
VDD = 5.0V
Number of Outputs ON
(IOUT = 200mA
Max. Allowable Duty Cycle at Ambient Temperature of
VDD = 5.0V)
25
°C40°C50°C60°C70°C
8
85%
72%
64%
55%
46%
7
97%
82%
73%
63%
53%
6
100%
96%
85%
73%
62%
5
100%
100%
100%
88%
75%
4
100%
100%
100%
100%
93%
3
100%
100%
100%
100%
100%
2
100%
100%
100%
100%
100%
1
100%
100%
100%
100%
100%
Typical Input Circuits
Typical Output Driver
SUB
N
OUT
K
EE
V
3K
7.2K
CLOCK
SERIAL
DATA IN
DD
V
SS
V
STROBE
OUTPUT
ENABLE
DD
V
SS
V
Number of Outputs ON
(IOUT = 200mA
Max. Allowable Duty Cycle at Ambient Temperature of
VDD = 12V)
25
°C40°C50°C60°C70°C
8
80%
68%
60%
52%
44%
7
91%
77%
68%
59%
50%
6
100%
90%
79%
69%
58%
5
100%
100%
95%
82%
69%
4
100%
100%
100%
100%
86%
3
100%
100%
100%
100%
100%
2
100%
100%
100%
100%
100%
1
100%
100%
100%
100%
100%
VDD = 12V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com