Electronic Components Datasheet Search
  English  ▼

X  

MIC58P01 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC58P01
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC58P01 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC58P01 Datasheet HTML 1Page - Micrel Semiconductor MIC58P01 Datasheet HTML 2Page - Micrel Semiconductor MIC58P01 Datasheet HTML 3Page - Micrel Semiconductor MIC58P01 Datasheet HTML 4Page - Micrel Semiconductor MIC58P01 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7-20
October 1998
MIC58P01
Micrel
CLEAR
F
STROBE
OUTPUT
ENABLE
IN
C
B
A
G
N
E
C
B
A
G
D
C
B
E
OUT N
Timing Conditions
(T
A
= +25
°C, Logic Levels are V
DD
and Ground, V
DD = 5V)
A.
Minimum data active time before strobe enabled (data set-up time) ....................................................................... 50ns
B.
Minimum data active time after strobe disabled (data hold time) ............................................................................. 50ns
C.
Minimum strobe pulse width .................................................................................................................................. 125 ns
D.
Typical time between strobe activation and output on to off transition ................................................................... 500ns
E.
Typical time between strobe activation and output off to on transition ................................................................... 500ns
F.
Minimum clear pulse width ..................................................................................................................................... 300ns
G.
Minimum data pulse width ..................................................................................................................................... 225 ns
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
–50
0
50
100
150
TEMPERATURE (°C)
Output Saturation
Voltage vs. Temperature
IL = 350mA
VDD = 5V to 12V
IL = 100mA
0
1
2
3
4
5
6
–50
0
50
100
150
TEMPERATURE (°C)
Supply Current
vs. Temperature
VDD = 5V
ALL OUTPUTS ON
ALL OUTPUTS OFF
0
1
2
3
4
5
6
7
0.4
0.5
0.6
0.7
0.8
0.9
OUTPUT CURRENT (A)
Current Shutdown
Delay vs. Output Current
VDD = 5V
VDD = 12V
0.35
0.40
0.45
0.50
0.55
0.60
–50
0
50
100
150
TEMPERATURE (°C)
VDD = 5V
VDD = 12V
Current Shutdown
Threshold vs. Temperature
0
1
2
3
4
5
6
7
8
–50
0
50
100
150
TEMPERATURE (°C)
Supply Current
vs. Temperature
VDD = 12V
ALL OUTPUTS ON
ALL OUTPUTS OFF
100
120
140
160
180
200
220
240
260
56789 10 11 12 13 14 15
SUPPLY VOLTAGE (V)
Output Delay
vs. Supply Voltage
TD OFF
TD ON
RL = 50Ω
Typical Characteristic Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com