Electronic Components Datasheet Search
  English  ▼

X  

MIC59P50 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC59P50
Description  8-Bit Parallel-Input Protected Latched Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC59P50 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC59P50 Datasheet HTML 1Page - Micrel Semiconductor MIC59P50 Datasheet HTML 2Page - Micrel Semiconductor MIC59P50 Datasheet HTML 3Page - Micrel Semiconductor MIC59P50 Datasheet HTML 4Page - Micrel Semiconductor MIC59P50 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIC59P50
Micrel
7-58
October 1998
IN
Circuitry below dashed line is
included in each of the 8 channels.
STROBE
VDD
2.2R
1.25V
R
+
–
UVLO
CLEAR
ENABLE/RESET
ISHUTDOWN
COMMON
S
R
Q
R1
70k
R2
3k
VEE
OUTPUT
THERMAL
SHUTDOWN
IREF
IOUT / N
FLAG
+
–
General Description
The MIC59P50 parallel-input latched driver is a high-voltage
(80V), high-current (500mA) integrated circuit comprised of
eight CMOS data latches, a bipolar Darlington transistor
driver for each latch, and CMOS control circuitry for the
common CLEAR, STROBE, and OUTPUT ENABLE func-
tions. Similar to the MIC5801, additional protection circuitry
supplied on this device includes thermal shutdown, under
voltage lockout (UVLO), and over-current shutdown.
The bipolar/MOS combination provides an extremely low-
power latch with maximum interface flexibility. The MIC59P50
has open-collector outputs capable of sinking 500mA and
integral diodes for inductive load transient suppression with
a minimum output breakdown voltage rating of 80V above V
EE
(50V sustaining). The drivers can be operated with a split
supply, where the negative supply is down to –20V and may
be paralleled for higher load current capability.
With a 5V logic supply, the MIC59P50 will typically operate at
better than 5MHz. With a 12V logic supply, significantly
higher speeds are obtained. The CMOS inputs are compat-
ible with standard CMOS, PMOS, and NMOS circuits. TTL
circuits may require pull-up resistors.
Each of these eight outputs has an independent over-current
shutdown at 500 mA. Upon current shutdown, the affected
channel will turn OFF and the flag will go low until VDD is
cycled or the ENABLE/RESET pin is pulsed high. Current
pulses less than 2
µs will not activate over-current shutdown.
Temperatures above 165
°C will shut down the device and
activate the open collector FLAG output at pin 1. The UVLO
circuit disables the outputs at low V
DD; hysteresis of 0.5V is
provided.
Ordering Information
Part Number
Temperature Range
Package
MIC59P50BN
–40
°C to +85°C
24-Pin Plastic DIP*
MIC59P50BV
–40
°C to +85°C
28-Pin PLCC
MIC59P50BWM
–40
°C to +85°C
24-Pin Wide SOIC
Features
• 4.4 MHz Minimum Data Input Rate
• High-Voltage, High-Current Outputs
• Per-Output Over-Current Shutdown (500mA Typical)
• Undervoltage Lockout
• Thermal Shutdown
• Output Fault Flag
• Output Transient Protection Diodes
• CMOS, PMOS, NMOS, and TTL Compatible Inputs
• Internal Pull-Down Resistors
• Low-Power CMOS Latches
• Single or Split Supply Operation
Functional Diagram
Pin Configuration
(DIP and SOIC)
* 300-mil “skinny DIP”
MIC59P50
8-Bit Parallel-Input Protected Latched Driver
12
11
10
9
8
7
6
5
4
3
2
1
UVLO
ILIMIT
THERMAL
SHUTDOWN
13
14
15
16
17
18
19
20
21
22
23
24
VEE
IN 8
IN 7
IN 6
IN 5
IN 4
IN 3
IN 2
IN 1
CLEAR
FLAG
STROBE
VSS
ENABLE/RESET
VDD
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
COMMON
OUTPUT


Similar Part No. - MIC59P50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC59P50 MICREL-MIC59P50 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50BN MICREL-MIC59P50BN Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50BN MICREL-MIC59P50BN Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50BV MICREL-MIC59P50BV Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
More results

Similar Description - MIC59P50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_11 Datasheet
83Kb / 8P
8-Bit Parallel-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P50YWM MICREL-MIC59P50YWM Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
MIC59P50 MICREL-MIC59P50_15 Datasheet
688Kb / 12P
8-Bit Parallel-Input Protected Latched Driver
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com