Electronic Components Datasheet Search
  English  ▼

X  

MIC6211 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6211
Description  IttyBitty??Operational Amplifier Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6211 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6211 Datasheet HTML 1Page - Micrel Semiconductor MIC6211 Datasheet HTML 2Page - Micrel Semiconductor MIC6211 Datasheet HTML 3Page - Micrel Semiconductor MIC6211 Datasheet HTML 4Page - Micrel Semiconductor MIC6211 Datasheet HTML 5Page - Micrel Semiconductor MIC6211 Datasheet HTML 6Page - Micrel Semiconductor MIC6211 Datasheet HTML 7Page - Micrel Semiconductor MIC6211 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC6211
Micrel
MIC6211
2
June 1999
Electrical Characteristics (Differential Supply)
V+ = +15V, V– = –15V, V
CM = 0V; RL = 2kΩ; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, TA = TJ; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
27
mV
TCV
OS
Average Input Offset Drift
Note 1
7
µV/°C
I
B
Input Bias Current
50
250
nA
I
OS
Input Offset Current
830
nA
V
CM
Input Voltage Range
+13.5
+13.8
V
–15.0
–15.3
V
CMRR
Common Mode Rejection Ratio
V
CM = +13.5V, –15.0V
65
100
dB
PSRR
Power Supply Rejection Ratio
V
S = ±2.5V to ±15V
65
110
dB
A
VOL
Large Signal Voltage Gain
V
O = ±10V
25
180
V/mV
V
OUT
Maximum Output Voltage Swing
±12.5
±14
V
B
W
Bandwidth
2.5
MHz
S
R
Slew Rate
6V/
µs
I
SC
Output Short Circuit Current
Sourcing or sinking
30
50
mA
I
S
Supply Current
1.3
2.0
mA
Electrical Characteristics (Single Supply)
V+ = +5V, V– = 0V, V
CM = 0.1V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, TA = TJ; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
27
mV
TCV
OS
Average Input Offset Drift
Note 1
7
µV/°C
I
B
Input Bias Current
65
250
nA
I
OS
Input Offset Current
830
nA
V
CM
Input Voltage Range
+3.5
+3.7
V
0
–0.3
V
CMRR
Common Mode Rejection Ratio
V
CM = 0V to 3.5V
45
70
dB
PSRR
Power Supply Rejection Ratio
V
S = ±2.5V to ±15V
65
105
dB
A
VOL
Large Signal Voltage Gain
V
O = 1.5V to 3.5V, RL = 2k
15
170
V/mV
V
OUT
Maximum Output Voltage Swing
R
L = 10k to GND
+3.8
+4.0
V
R
L = 10k to +5V
+1.0
+1.2
V
I
SC
Output Short Circuit Current
Sourcing or sinking
20
40
mA
I
S
Supply Current
1.2
1.8
mA
General Note: Devices are ESD protected; however, handling precautions are recommended.
Note 1:
Not production tested.
Absolute Maximum Ratings
Supply Voltage (V
V+ – VV–) ............................. 36V or ±18V
Differential Input Voltage (V
IN+ – VIN–) ....................... ±36V
Input Voltage (V
IN+, VIN–) ..................... (VV– – 0.3V) to VV+
Output Short Circuit Current Duration ...............................
∞
Operating Ratings
Supply Voltage .................................................... 4V to 32V
Ambient Temperature Range ..................... –40
°C to +85°C
SOT-23-5 Thermal Resistance (
θ
JA) ..................... 220°C/W
(mounted to printed circuit board)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com