Electronic Components Datasheet Search
  English  ▼

X  

MIC6211 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC6211
Description  IttyBitty??Operational Amplifier Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6211 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC6211 Datasheet HTML 1Page - Micrel Semiconductor MIC6211 Datasheet HTML 2Page - Micrel Semiconductor MIC6211 Datasheet HTML 3Page - Micrel Semiconductor MIC6211 Datasheet HTML 4Page - Micrel Semiconductor MIC6211 Datasheet HTML 5Page - Micrel Semiconductor MIC6211 Datasheet HTML 6Page - Micrel Semiconductor MIC6211 Datasheet HTML 7Page - Micrel Semiconductor MIC6211 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC6211
Micrel
MIC6211
4
June 1999
0
5
10
15
20
25
30
10
100
1000 3000
FREQUENCY (kHz)
Large-Signal
Frequency Response
V
S = ±15V
R
L = 2k
T
A = 25°C
50
60
70
80
90
100
110
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Common Mode Rejection Ratio
vs. Frequency
V
S = ±15V
40
45
50
55
60
65
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
V
S = ±15V
50
60
70
80
90
100
110
120
130
0.001 0.01
0.1
1
10
100
FREQUENCY (kHz)
Power Supply Rejection
Ratio vs. Frequency
V
S
=
±15V
+PSRR
-PSRR
0.1Hz to 10Hz Noise
VS = ±15V
1s/DIV
Wideband Noise
VS = ±15V
5ms/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com