Electronic Components Datasheet Search
  English  ▼

X  

LMC7215 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC7215 Datasheet HTML 5Page - Texas Instruments LMC7215 Datasheet HTML 6Page - Texas Instruments LMC7215 Datasheet HTML 7Page - Texas Instruments LMC7215 Datasheet HTML 8Page - Texas Instruments LMC7215 Datasheet HTML 9Page - Texas Instruments LMC7215 Datasheet HTML 10Page - Texas Instruments LMC7215 Datasheet HTML 11Page - Texas Instruments LMC7215 Datasheet HTML 12Page - Texas Instruments LMC7215 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LMC7215, LMC7225
www.ti.com
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
SHOOT-THROUGH
Shoot-through is a common occurrence on digital circuits and comparators where there is a push-pull output
stage. This occurs when a signal is applied at the same time to both the N-channel and P-channel output
transistors to turn one off and turn the other on. (See Figure 15.) If one of the output devices responds slightly
faster than the other, the fast one can be turned on before the other has turned off. For a very short time, this
allows supply current to flow directly through both output transistors. The result is a short spike of current drawn
from the supply.
Figure 15.
Figure 16. RS = 100Ω
The LMC7215 produces a small current spike of 300
μA peak for about 400 ns with 2.7V supply and 1.8 mA
peak for 400 ns with a 5V supply. This spike only occurs when the output is going from high to low. It does not
occur when going from low to high. Figure 16 and Figure 17 show what this current pulse looks like on 2.7V and
5V supplies. The upper trace is the output voltage and the lower trace is the supply current as measured with the
circuit in Figure 18.
If the power supply has a very high impedance, a bypass capacitor of 0.01
μF should be more than enough to
minimize the effects of this small current pulse.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC7215 LMC7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com