Electronic Components Datasheet Search
  English  ▼

X  

LMC7215 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7215 Datasheet(HTML) 3 Page - Texas Instruments

  LMC7215 Datasheet HTML 1Page - Texas Instruments LMC7215 Datasheet HTML 2Page - Texas Instruments LMC7215 Datasheet HTML 3Page - Texas Instruments LMC7215 Datasheet HTML 4Page - Texas Instruments LMC7215 Datasheet HTML 5Page - Texas Instruments LMC7215 Datasheet HTML 6Page - Texas Instruments LMC7215 Datasheet HTML 7Page - Texas Instruments LMC7215 Datasheet HTML 8Page - Texas Instruments LMC7215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LMC7215, LMC7225
www.ti.com
SNOS882E – SEPTEMBER 1999 – REVISED MARCH 2013
2.7V to 5V Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V to 5V, V− = 0V, V
CM = VO = V
+/2. Boldface limits apply
at the temperature extremes.
Symbol
Parameter
Conditions
LMC7215
LMC7225
Units
Typ (1)
Limit(2)
Limit(2)
Power Supply
dB
PSRR
V+ = 2.2V to 8V
90
60
60
Rejection Ratio
min
AV
Voltage Gain
140
dB
V+ = 2.7V
3.0
2.9
2.9
V
CMRR > 50 dB
2.7
2.7
min
V+ = 2.7V
−0.2
0.0
0.0
V
CMRR > 50 dB
0.2
0.2
max
Input Common-Mode Voltage
CMVR
Range
V+ = 5.0V
5.3
5.2
5.2
V
CMRR > 50 dB
5.0
5.0
min
V+ = 5.0V
−0.3
−0.2
−0.2
V
CMRR > 50 dB
0.0
0.0
max
V+ = 2.2V
2.05
1.8
NA
V
IOH = 1.5 mA
1.7
min
V+ = 2.7V
2.05
2.3
NA
V
VOH
Output Voltage High
IOH = 2.0 mA
2.2
min
V+ = 5.0V
4.8
4.6
NA
V
IOH = 4.0 mA
4.5
min
V+ = 2.2V
0.17
0.4
0.4
V
IOH = 1.5 mA
0.5
0.5
max
V+ = 2.7V
0.17
0.4
0.4
V
VOL
Output Voltage Low
IOH = 2.0 mA
0.5
0.5
max
V+ = 5.0V
0.2
0.4
0.4
V
IOH = 4.0 mA
0.5
0.5
max
ISC+
Output Short Circuit Current
V+ = 2.7V, Sourcing
15
NA
mA
(4)
V+ = 5.0V, Sourcing
50
NA
mA
Output Short Circuit Current
V+ = 2.7V, Sinking
12
mA
ISC−
(4)
V+ = 5.0V, Sinking
30
mA
V+ = 2.2V
nA
ILeakage
Output Leakage Current
VIN+ = 0.1V, VIN− = 0V,
0.01
NA
500
max
VOUT = 15V
V+ = 5.0V
0.7
1
1
μA
IS
Supply Current
VIN+ = 5V, VIN− = 0V
1.2
1.2
max
(4)
Do not short the output of the LMC7225 to voltages greater than 10V or damage may occur.
AC Electrical Characteristics
Unless otherwise specified, TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2
Symbol
Parameter
Conditions
LMC7215
LMC7225
Units
Typ(1)
Typ(1) (2)
trise
Rise Time
Overdrive = 10 mV (2)
1
12.2
μs
tfall
Fall Time
Overdrive = 10 mV (2)
0.4
0.35
μs
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(2)
All measurements made at 10 kHz. A 100 k
Ω pull-up resistor was used when measuring the LMC7225. CLOAD = 50 pF including the test
jig and scope probe. The rise times of the LMC7225 are a function of the R-C time constant.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7215 LMC7225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com