Electronic Components Datasheet Search
  English  ▼

X  

LMP7715 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7715
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7715 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7715 Datasheet HTML 7Page - Texas Instruments LMP7715 Datasheet HTML 8Page - Texas Instruments LMP7715 Datasheet HTML 9Page - Texas Instruments LMP7715 Datasheet HTML 10Page - Texas Instruments LMP7715 Datasheet HTML 11Page - Texas Instruments LMP7715 Datasheet HTML 12Page - Texas Instruments LMP7715 Datasheet HTML 13Page - Texas Instruments LMP7715 Datasheet HTML 14Page - Texas Instruments LMP7715 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
0.01
0.1
1
10
OUTPUT AMPLITUDE (VPP)
-120
-100
-80
-60
-40
-20
0
VS = 1.8V
f = 1 kHz
AV = +2
RL = 600:
RL = 100 k:
800 ns/DIV
VIN = 1 VPP
f = 200 kHz, AV = +1
VS = 5V, CL = 10 pF
800 ns/DIV
VIN = 1 VPP
f = 200 kHz, AV = +1
VS = 2.5V, CL = 10 pF
200 ns/DIV
VIN = 20 mVPP
f = 1 MHz, AV = +1
VS = 5V, CL = 10 pF
1.5
2.5
3.5
4.5
5.5
6
7
8
9
10
11
12
VS (V)
FALLING EDGE
RISING EDGE
200 ns/DIV
VIN = 20 mVPP
f = 1 MHz, AV = +1
VS = 2.5V, CL = 10 pF
LMP7715, LMP7716, LMP7716Q
www.ti.com
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VS = 5V, VCM = VS/2.
Slew Rate vs. Supply Voltage
Small Signal Step Response
Figure 35.
Figure 36.
Large Signal Step Response
Small Signal Step Response
Figure 37.
Figure 38.
Large Signal Step Response
THD+N vs. Output Voltage
Figure 39.
Figure 40.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com