Electronic Components Datasheet Search
  English  ▼

X  

LMP7715 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7715
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7715 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7715 Datasheet HTML 12Page - Texas Instruments LMP7715 Datasheet HTML 13Page - Texas Instruments LMP7715 Datasheet HTML 14Page - Texas Instruments LMP7715 Datasheet HTML 15Page - Texas Instruments LMP7715 Datasheet HTML 16Page - Texas Instruments LMP7715 Datasheet HTML 17Page - Texas Instruments LMP7715 Datasheet HTML 18Page - Texas Instruments LMP7715 Datasheet HTML 19Page - Texas Instruments LMP7715 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
10k
100k
1M
10M
FREQUENCY (Hz)
-40
-30
-20
-10
0
10
20
CF = 0 pF
CF = 5 pF
CF = 2 pF
R1, R2 = 30 k:
AV = -1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-25
-20
-15
-10
-5
0
5
10
15
R1, R2 = 30 k:
AV = -1
R1, R2 = 10 k:
R1, R2 = 1 k:
LMP7715, LMP7716, LMP7716Q
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Figure 52. Closed Loop Frequency Response
As mentioned before, adding a capacitor to the feedback path will decrease the peaking. This is because CF will
form yet another pole in the system and will prevent pairs of poles, or complex conjugates from forming. It is the
presence of pairs of poles that cause the peaking of gain. Figure 53 shows the frequency response of the
schematic presented in Figure 51 with different values of CF. As can be seen, using a small value capacitor
significantly reduces or eliminates the peaking.
Figure 53. Closed Loop Frequency Response
TRANSIMPEDANCE AMPLIFIER
In many applications the signal of interest is a very small amount of current that needs to be detected. Current
that is transmitted through a photodiode is a good example. Barcode scanners, light meters, fiber optic receivers,
and industrial sensors are some typical applications utilizing photodiodes for current detection. This current
needs to be amplified before it can be further processed. This amplification is performed using a current-to-
voltage converter configuration or transimpedance amplifier. The signal of interest is fed to the inverting input of
an op amp with a feedback resistor in the current path. The voltage at the output of this amplifier will be equal to
the negative of the input current times the value of the feedback resistor. Figure 54 shows a transimpedance
amplifier configuration. CD represents the photodiode parasitic capacitance and CCM denotes the common-mode
capacitance of the amplifier. The presence of all of these capacitances at higher frequencies might lead to less
stable topologies at higher frequencies. Care must be taken when designing a transimpedance amplifier to
prevent the circuit from oscillating.
With a wide gain bandwidth product, low input bias current and low input voltage and current noise, the
LMP7715/LMP7716/LMP7716Q are ideal for wideband transimpedance applications.
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com