Electronic Components Datasheet Search
  English  ▼

X  

MIC70 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC70
Description  關P Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC70 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC70 Datasheet HTML 1Page - Micrel Semiconductor MIC70 Datasheet HTML 2Page - Micrel Semiconductor MIC70 Datasheet HTML 3Page - Micrel Semiconductor MIC70 Datasheet HTML 4Page - Micrel Semiconductor MIC70 Datasheet HTML 5Page - Micrel Semiconductor MIC70 Datasheet HTML 6Page - Micrel Semiconductor MIC70 Datasheet HTML 7Page - Micrel Semiconductor MIC70 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC705/6/7/8
µP Supervisory Circuits
3
Electrical Characteristics
VCC = 4.75V to 5.5V for MIC705/MIC707, VCC = 4.5V to 5.5V for MIC706/MIC708, TA = -40°C to 85°C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
MR Pull-Up Current
MR = 0V
100
250
600
µA
MR Pulse Width, tMR
150
nS
MR Input Threshold
VIL
0.8
V
VIH
2.0
MR to Reset Output Delay, tMD
250
nS
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
+25
nA
PFO Output Voltage
ISink = 3.2mA
0.4
V
VCC = 5V, ISource = 800µA
VCC - 1.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com