Electronic Components Datasheet Search
  English  ▼

X  

LMV641 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV641
Description  LMV641 10 MHz, 12V, Low Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV641 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV641_15 Datasheet HTML 3Page - Texas Instruments LMV641_15 Datasheet HTML 4Page - Texas Instruments LMV641_15 Datasheet HTML 5Page - Texas Instruments LMV641_15 Datasheet HTML 6Page - Texas Instruments LMV641_15 Datasheet HTML 7Page - Texas Instruments LMV641_15 Datasheet HTML 8Page - Texas Instruments LMV641_15 Datasheet HTML 9Page - Texas Instruments LMV641_15 Datasheet HTML 10Page - Texas Instruments LMV641_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
10
1k
100k
10M
FREQUENCY (Hz)
0.01
10
1000
1M
10k
100
100
0.1
1
V
+
= +5V
V
-
= -5V
AV = +1
0.10
10
1k
100k
FREQUENCY (Hz)
1
10
100
1000
10k
100
1
NOISE VOLTAGE
180
100
10k
1M
100M
FREQUENCY (Hz)
-60
0
90
10M
100k
1k
150
120
60
30
-30
180
-60
0
90
150
120
60
30
-30
GAIN
PHASE
RL = 2 k:
RL = 10 k:
V
+
= +6V
V
-
= -6V
CL = 20 pF
RL = 2 k:
RL = 10 k:
180
100
10k
1M
100M
FREQUENCY (Hz)
-60
0
90
10M
100k
1k
150
120
60
30
-30
180
-60
0
90
150
120
60
30
-30
GAIN
PHASE
RL = 2 k:
CL = 20 pF
V
+
= +5V
V
-
= -5V
V
+
= +1.35V
V
-
= -1.35V
180
100
10k
1M
100M
FREQUENCY (Hz)
-60
0
90
10M
100k
1k
150
120
60
30
-30
180
-60
0
90
150
120
60
30
-30
GAIN
PHASE
CL = 20 pF
CL = 100 pF
CL = 50 pF
CL = 100 pF
CL = 50 pF
V
+
= +1.35V
V
-
= -1.35V
RL = 2 k:
180
100
10k
1M
100M
FREQUENCY (Hz)
-60
0
90
10M
100k
1k
150
120
60
30
-30
180
-60
0
90
150
120
60
30
-30
GAIN
PHASE
CL = 20 pF
CL = 100 pF
CL = 50 pF
CL = 100 pF
CL = 50 pF
V
+
= +5V
V
-
= -5V
RL = 2 k:
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 10V, V− = 0V, V
CM = VS/2.
Open Loop Gain and Phase with Capacitive Load
Open Loop Gain and Phase with Capacitive Load
Figure 17.
Figure 18.
Open Loop Gain and Phase with Resistive Load
Open Loop Gain and Phase with Supply Voltage
Figure 19.
Figure 20.
Input Referred Noise Voltage
Close Loop Output Impedance
vs.
vs.
Frequency
Frequency
Figure 21.
Figure 22.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com