Electronic Components Datasheet Search
  English  ▼

X  

TLE2301 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2301_15 Datasheet HTML 12Page - Texas Instruments TLE2301_15 Datasheet HTML 13Page - Texas Instruments TLE2301_15 Datasheet HTML 14Page - Texas Instruments TLE2301_15 Datasheet HTML 15Page - Texas Instruments TLE2301_15 Datasheet HTML 16Page - Texas Instruments TLE2301_15 Datasheet HTML 17Page - Texas Instruments TLE2301_15 Datasheet HTML 18Page - Texas Instruments TLE2301_15 Datasheet HTML 19Page - Texas Instruments TLE2301_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
component calculations
The following sections contain the calculations for input capacitors, gain resistors, coupling network, coupling
capacitors, transformer-leakage inductance, series resistors, decoupling, and frequency compensation.
input capacitor
The incoming signal is ac coupled to remove any incoming dc offset and to provide only unity gain for the
amplifier’s input offset voltage. The value of 100 nF is chosen for this input capacitor as it has very little influence
on the amplifier’s signal gain over the frequency band.
gain resistors
The gain-setting resistors are chosen for a gain of 1.96; i.e., choosing:
Gain
+
R
F
R
I
+ 4.7 kΩ
2.4 k
Ω
+ 1.96
R
F +
4.7 k
Ω and R
I +
2.4 k
Ω
The resistor values are low enough to ensure that the circuit does not suffer from stray capacitance and signal
pick-up problems but not too low as to significantly load the mains impedance when the amplifier is in its
high-impedance state.
coupling network
The function of the line interface is to provide isolation from the mains supply while coupling the communication
signals onto the mains network. As the mains voltage is large in comparison with the communication signals,
the mains voltage needs to be isolated from the electronic circuitry. The simple coupling network limits the
current flowing from the mains supply as well as providing a convenient point at which to implement the safety
isolation barrier between the mains supply and the communications circuitry. The transformer can easily
achieve an isolation of 4 kV between primary and secondary windings, and the capacitor provides the low
frequency roll-off to impede the mains voltage.
The transformer has two other useful properties. First, the turns ratio can be selected to provide efficient power
transfer between the TLE2301 amplifier and the mains network. Second, the transformer possesses leakage
inductance that can be tuned with the coupling capacitor to form a band-pass filter.
By altering the turns ratio, the power dissipated in the TLE2301 can be reduced while maintaining the required
voltage levels on the mains line. A turns ratio of 1.67:1 was selected in this design to apply a 120-
µdBV signal
onto the mains line. The calculation for the turns ratio is not straightforward due to the presence of numerous
complex impedances. The simplest method for deriving the turns ratio is to model the circuit with an analog
simulation program such as PSpice
™. It is from these simulations that the 1.67:1 turns ratio has been selected.
PSpice is a registered trademark of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com