Electronic Components Datasheet Search
  English  ▼

X  

TLE2301 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLE2301_15 Datasheet HTML 15Page - Texas Instruments TLE2301_15 Datasheet HTML 16Page - Texas Instruments TLE2301_15 Datasheet HTML 17Page - Texas Instruments TLE2301_15 Datasheet HTML 18Page - Texas Instruments TLE2301_15 Datasheet HTML 19Page - Texas Instruments TLE2301_15 Datasheet HTML 20Page - Texas Instruments TLE2301_15 Datasheet HTML 21Page - Texas Instruments TLE2301_15 Datasheet HTML 22Page - Texas Instruments TLE2301_15 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
series resistor (continued)
Again, the value of the series resistor is sufficient to limit the peak-signal current below the device’s maximum
rating. This calculation does not take into account other resistive impedances in the signal path, which would
further reduce the peak signal current from the amplifier.
decoupling
Power-supply decoupling for the amplifier is provided by a 220-
µF electrolytic capacitor and a 100-nF ceramic
capacitor per supply rail located close to the supply terminals of the TLE2301 device.
The decoupling capacitors for the negative supply should be connected to a pair of VCC– terminals (4 and 5 or
12 and 13), whichever pair is most convenient from a printed-circuit-board (PCB) layout point of view. In order
to minimize parasitic lead inductances, these capacitors should be located as close as possible to the device
terminals to which they are connected. As the VCC+ terminals are not adjacent on the package, the decoupling
capacitors should be connected to one terminal with a thick PCB track going to the other terminal.
The 220-
µF electrolytic capacitor is chosen to provide good decoupling performance (less than 25-mV ripple
under the worst-case loading for the utility circuit). This value could be reduced to 100
µF for higher-frequency
consumer bands. The level of ripple depends on the source impedance of the power supply and the equivalent
series resistance of the chosen decoupling capacitors. The 100-nF ceramic capacitor provides high-frequency
decoupling for the amplifier.
11
14
+
–
3
6
CF2
39 pF
CF1
15 pF
100 nF
220
µF
100 nF
220
µF
4
5
12
13
10
15
2
7
16
1
VCC –
VCC +
0 V
IC1
+
+
Figure 26. Amplifier Decoupling and Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com