Electronic Components Datasheet Search
  English  ▼

X  

MIC834 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC834
Description  Comparator with Reference Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC834 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC834 Datasheet HTML 1Page - Micrel Semiconductor MIC834 Datasheet HTML 2Page - Micrel Semiconductor MIC834 Datasheet HTML 3Page - Micrel Semiconductor MIC834 Datasheet HTML 4Page - Micrel Semiconductor MIC834 Datasheet HTML 5Page - Micrel Semiconductor MIC834 Datasheet HTML 6Page - Micrel Semiconductor MIC834 Datasheet HTML 7Page - Micrel Semiconductor MIC834 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2001
1
MIC834
MIC834
Micrel
MIC834
Comparator with Reference
Final Information
Typical Application
INP
OUT
VDD
GND
MIC834
RPU
VIN
R1
R2
VOUT
VDD
VPULL-UP
VREF = 1.24V
VINP(max) = 6V
VPULL-UP(max) = 6V
1.5V
≤ V
DD ≤ 5.5V
4
2
1
5
Features
• Optimized for PDAs, cellular telephones, pagers,
and other battery-powered devices
• Input and output can be pulled up to 6V
regardless of supply voltage
• High
±1.5% voltage threshold accuracy
• Built in hysteresis for noise suppression
• Extremely low 1.5
µA typical supply current
• Immune to brief input transients
• 5-lead SOT-23 package
Applications
•PDAs
• Pagers
• Cordless phones
• Consumer electronics
• Embedded controllers
• Personal electronics
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
General Description
The MIC834 is a micropower, precision voltage comparator
with an on-chip voltage reference.
The threshold is adjusted by the choice of two external
resistors. Voltage detection threshold is accurate to 1.5%.
Supply current is extremely low (1.5
µA, typical), making it
ideal for portable applications.
The MIC834 is supplied in Micrel’s IttyBitty™ 5-lead SOT-23-
5 package.
IttyBitty™ is a trademark of Micrel, Inc.
Ordering Information
Part Number
Marking
Accuracy
Temperature Range
Package
MIC834BM5
B12
1.5%
–40
°C to +85°C
SOT-23-5


Similar Part No. - MIC834

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC833 MICREL-MIC833 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
MIC833 MICREL-MIC833 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
MIC833BM5 MICREL-MIC833BM5 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
MIC833BM5 MICREL-MIC833BM5 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
More results

Similar Description - MIC834

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MIC6270 MICREL-MIC6270 Datasheet
40Kb / 3P
IttyBitty??Comparator Advance Information
MIC833 MICREL-MIC833 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com