Electronic Components Datasheet Search
  English  ▼

X  

MIC834 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC834
Description  Comparator with Reference Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC834 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC834 Datasheet HTML 1Page - Micrel Semiconductor MIC834 Datasheet HTML 2Page - Micrel Semiconductor MIC834 Datasheet HTML 3Page - Micrel Semiconductor MIC834 Datasheet HTML 4Page - Micrel Semiconductor MIC834 Datasheet HTML 5Page - Micrel Semiconductor MIC834 Datasheet HTML 6Page - Micrel Semiconductor MIC834 Datasheet HTML 7Page - Micrel Semiconductor MIC834 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC834
Micrel
MIC834
4
September 2001
Functional Description
The MIC834 monitors the input voltage and detects when it
is higher than a programmed level (plus V
HYST). This condi-
tion asserts the active-high output. An external pull-up resis-
tor is used to produce a logic-one output. When the input
voltage falls below the programmed threshold (V
INP <VREF),
the output stage is on.
Voltage Low Output
The voltage-low output (OUT) is an active-high, open-drain
output which sinks current when the MIC834 detects a low
input voltage.
Block Diagram
GND
VIN
OUT
1.24V
Bandgap
Reference
High-Voltage
Detect
INP
VTH
MIC834
4
2
1
5
VDD
VDD
Trip Points
Input voltage is monitored by a comparator via a voltage
divider network. The divided voltage is compared to an
internal reference voltage. When the voltage at the input pin
INP exceeds the internal reference voltage (plus V
HYST), the
output is pulled high by an external resistor.
V
HYST is typically 23mV, and is added to the programmed
threshold voltage for positive-going inputs. Decreasing in-
puts trip at the user-programmed threshold voltage.
The tolerance of the switching threshold on the falling edge
is equal to the tolerance of just the voltage reference. The
tolerance of the switching threshold on the rising edge is
equal to the tolerance of the voltage reference
plus the
tolerance of the hysteresis voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com