Electronic Components Datasheet Search
  English  ▼

X  

HI-8428-R Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 14Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NOTE: Stresses above absolute maximum ratings or outside recommended operating conditions may cause permanent damage to
the device. These are stress ratings only. Operation at the limits is not recommended.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED
OPERATING CONDITIONS
HOLT INTEGRATED CIRCUITS
11
Supply Voltage
VLOGIC
................................. 3.15V to 3.45V
VDD
................................. 12.0V to 16.5V
Digital Inputs ..........................
0 to VLOGIC
SENSE inputs .........................
-4.0V to 49V
Operating Temperature Range
Industrial Screening ............. -40°C to +85°C
Hi-Temp Screening
............. -55°C to +125°C
Voltages referenced to Ground
Digital Supply Voltage (VLOGIC) ......................... -0.3V to +5V
Analog Supply Voltage (VDD) ..........................
-0.3V to +18V
Discrete Input Voltage Range
(DC)
................... -80V to +80V
(AC, 60 - 400Hz)
...................
115Vrms
Continuous Power Dissipation (TA=+125°C) .........
1.7W
Solder Temperature (reflow)
.............................
260°C
Junction Temperature
.............................
175°C
Storage Temperature
............................
-65°C to -150°C
Logic Input Voltage Range
................ -0.3V to VLOGIC+0.3V
HI-8428-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com