Electronic Components Datasheet Search
  English  ▼

X  

HI-8428-R Datasheet(PDF) 12 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 12 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 14Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 15Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 16Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HOLT INTEGRATED CIRCUITS
12
D.C. ELECTRICAL CHARACTERISTICS
V
= 3.3V +/- 5%, V
= 12.0V to 16.5V, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
LOGIC
DD
A
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
Logic Inputs / Outputs
SENSE Inputs, Configured as Ground / Open (internal pull-up). Note 2.
Power Supply
High level input voltage
V
V
= 3.3V
2.0
V
Low level input voltage
V
V
= 3.3V
0.8
V
Input hysteresis voltage, SCK input
V
Note 1.
50
mV
High level output voltage
V
I
= -20 A
V
-0.1
V
I
= -4 mA, V
= 3.0V
2.4
V
Low level output voltage
V
I
= 20 A
0.1
V
I
= 4 mA, VLOGIC = 3.0V
0.4
V
Input leakage current
I
V
= V
or Ground
-10
+10
A
Tri-state leakage current, SO output
I
V
= V
or Ground
-10
+10
A
High-level input voltage
V
10.5
49
V
Input threshold voltage, low-to-high
V
9.0
10.5
V
High level SENSE pin to Ground resistor
R
Resistor from SENSE to Ground to
50
k
guarantee High input condition
High level input current
I
V
= 28V, VDD = 15V
17
100
A
V
= 49V, VDD = 15V
45
250
uA
Low level input voltage
V
-4
4.5
V
Input threshold voltage, high-to-low
V
4.5
6.0V
V
Low level SENSE pin to Ground resistor
R
Resistor from SENSE to Ground to
500
guarantee Low input condition
Low level input current
I
V
= 0V, V
= 15V
-0.8
-1.0
-1.8
mA
Input hysteresis voltage
3.0
V
3.0
V
Logic supply current
I
V
= V
or Ground,
1.8
3.0
mA
SENSE pins open
Analog supply current
I
V
= V
or Ground
SENSE pins open
15
24
mA
SENSE pins = Ground
22
33
mA
Note 1.Guaranteed but not tested.
Note 2. With external 3k , 2% resistor in series with SENSE pin.
IH
LOGIC
IL
LOGIC
CHYS
OH
OUT
LOGIC
OUT
LOGIC
OL
OUT
OUT
IN
IN
LOGIC
OZ
OUT
LOGIC
GHI
GTLH
IH
GHI
GHI
GHI
GLO
GTHL
IL
GLO
GLO
DD
LOGIC
IN
LOGIC
DD
IN
LOGIC
μ
μ
μ
μ
Ω
μ
Ω
μ
Ω
SENSE Inputs, Configured as Supply / Open (internal pull-down). Note 2.
High-level input voltage
V
12.0
49
V
Input threshold voltage, low-to-high
V
10.5
12.0
V
High level input current
I
V
= 28V, V
= 15V
0.6
0.8
1.35
mA
Low level input voltage
V
-4.0
6.0
V
Input threshold voltage, high-to-low
V
6.0
7.5V
V
Low level input current
I
V
= 1V, V
= 15V
50
A
Input hysteresis voltage
SHI
STLH
SHI
SHI
DD
SLO
STHL
SLO
SLO
DD
HI-8428-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com