Electronic Components Datasheet Search
  English  ▼

X  

TLS710B0 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLS710B0 Datasheet HTML 7Page - Infineon Technologies AG TLS710B0 Datasheet HTML 8Page - Infineon Technologies AG TLS710B0 Datasheet HTML 9Page - Infineon Technologies AG TLS710B0 Datasheet HTML 10Page - Infineon Technologies AG TLS710B0 Datasheet HTML 11Page - Infineon Technologies AG TLS710B0 Datasheet HTML 12Page - Infineon Technologies AG TLS710B0 Datasheet HTML 13Page - Infineon Technologies AG TLS710B0 Datasheet HTML 14Page - Infineon Technologies AG TLS710B0 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
11
Rev. 1.0, 2015-03-12
TLS710B0
Block Description and Electrical Characteristics
5.3
Current Consumption
Table 5
Electrical Characteristics Current Consumption
V
I = 13.5 V; Tj = -40 °C to +150 °C (unless otherwise specified).
Typical values are given at
T
j = 25 °C, VI = 13.5 V.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Current Consumption
I
q = II
I
q,off
–1.5
5
µA
V
EN ≤ 0.4 V
T
j < 105 °C
P_5.3.1
Current Consumption
I
q = II - IQ
I
q
–
36
80
µA
0.05 mA <
I
Q < 100 mA
P_5.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com