Electronic Components Datasheet Search
  English  ▼

X  

TLS710B0 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLS710B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLS710B0 Datasheet HTML 11Page - Infineon Technologies AG TLS710B0 Datasheet HTML 12Page - Infineon Technologies AG TLS710B0 Datasheet HTML 13Page - Infineon Technologies AG TLS710B0 Datasheet HTML 14Page - Infineon Technologies AG TLS710B0 Datasheet HTML 15Page - Infineon Technologies AG TLS710B0 Datasheet HTML 16Page - Infineon Technologies AG TLS710B0 Datasheet HTML 17Page - Infineon Technologies AG TLS710B0 Datasheet HTML 18Page - Infineon Technologies AG TLS710B0 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
15
Rev. 1.0, 2015-03-12
TLS710B0
Application Information
6
Application Information
6.1
Application Diagram
Figure 4
Application Diagram
6.2
Selection of External Components
6.2.1
Input Pin
The typical input circuitry for a linear voltage regulator is shown in the application diagram above.
A ceramic capacitor at the input, in the range of 100 nF to 470 nF, is recommended to filter out the high frequency
disturbances imposed by the line e.g. ISO pulses 3a/b. This capacitor must be placed very close to the input pin
of the linear voltage regulator on the PCB.
An aluminum electrolytic capacitor in the range of 10 µF to 470 µF is recommended as an input buffer to smooth
out high energy pulses, such as ISO pulse 2a. This capacitor should be placed close to the input pin of the linear
voltage regulator on the PCB.
An overvoltage suppressor diode can be used to further suppress any high voltage beyond the maximum rating
of the linear voltage regulator and protect the device against any damage due to over-voltage above 45 V.
The external components at the input are not mandatory for the operation of the voltage regulator, but they are
recommended in order to protect the voltage regulator against external disturbances and damages.
6.2.2
Output Pin
An output capacitor is mandatory for the stability of linear voltage regulators.
The requirement to the output capacitor is given in “Functional Range” on Page 6. The graph “Output
Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on Page 10 shows the stable operation range
of the device.
TLS710B0 is designed to be stable with extremely low ESR capacitors. According to the automotive requirements,
ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
CQ
Load
e. g.
Micro
Controller
XC22xx
GND
Regulated Output Voltage
Supply
100nF
10µF
CI1
CI2
<45V
DI2
1µF
(ESR <5Ω)
DI1
Bandgap
Reference
GND
Q
I
Current
Limitation
Temperature
Shutdown
Enable
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com