Electronic Components Datasheet Search
  English  ▼

X  

MIC915BMM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC915BMM
Description  Dual 135MHz Low-Power Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC915BMM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC915BMM Datasheet HTML 4Page - Micrel Semiconductor MIC915BMM Datasheet HTML 5Page - Micrel Semiconductor MIC915BMM Datasheet HTML 6Page - Micrel Semiconductor MIC915BMM Datasheet HTML 7Page - Micrel Semiconductor MIC915BMM Datasheet HTML 8Page - Micrel Semiconductor MIC915BMM Datasheet HTML 9Page - Micrel Semiconductor MIC915BMM Datasheet HTML 10Page - Micrel Semiconductor MIC915BMM Datasheet HTML 11Page - Micrel Semiconductor MIC915BMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 2000
9 Rev 8/00-A
MIC915
MIC915
Micrel
Large-Signal
Pulse Response
V
CC = ±9V
A
V = 1
C
L = 1.7pF
∆V = 5.64V
∆t = 21ns
Large-Signal
Pulse Response
V
CC = ±9V
A
V = 1
C
L = 100pF
∆V = 5.84V
∆t = 22.5ns
Large-Signal
Pulse Response
V
CC = ±9V
A
V = 1
C
L = 1000pF
∆V = 5.88V
∆t = 70ns
Large-Signal
Pulse Response
V
CC = ±5V
A
V = 1
C
L = 1.7pF
∆V = 5.68V
∆t = 24.5ns
Large-Signal
Pulse Response
V
CC = ±5V
A
V = 1
C
L = 100pF
∆V = 5.84V
∆t = 26ns
Large-Signal
Pulse Response
V
CC = ±5V
A
V = 1
C
L = 1000pF
∆V = 5.48V
∆t = 95ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com