Electronic Components Datasheet Search
  English  ▼

X  

MIC915BMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC915BMM
Description  Dual 135MHz Low-Power Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC915BMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC915BMM Datasheet HTML 1Page - Micrel Semiconductor MIC915BMM Datasheet HTML 2Page - Micrel Semiconductor MIC915BMM Datasheet HTML 3Page - Micrel Semiconductor MIC915BMM Datasheet HTML 4Page - Micrel Semiconductor MIC915BMM Datasheet HTML 5Page - Micrel Semiconductor MIC915BMM Datasheet HTML 6Page - Micrel Semiconductor MIC915BMM Datasheet HTML 7Page - Micrel Semiconductor MIC915BMM Datasheet HTML 8Page - Micrel Semiconductor MIC915BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
September 2000
5 Rev 8/00-A
MIC915
MIC915
Micrel
Electrical Characteristics
2.0
2.5
3.0
3.5
23456
789
10
SUPPLY VOLTAGE (
±V)
Supply Current
vs. Supply Voltage
+85
°C
+25
°C
-40
°C
2.0
2.5
3.0
3.5
4.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
V
SUPPLY = ±9V
V
SUPPLY = ±5V
1.0
1.5
2.0
2.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Offset Voltage
vs. Temperature
V
SUPPLY = ±5V
V
SUPPLY = ±9V
1
2
3
4
5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Bias Current
vs. Temperature
V
SUPPLY = ±5V
V
SUPPLY = ±9V
0
1
2
3
4
5
6
-8
-6
-4
-2
0
2468
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
+85
°C
+25
°C
-40
°C
V
SUPPLY = ±9V
0
1
2
3
4
5
-5 -4 -3 -2 -1 0
1
2
3
4
5
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
+85
°C
+25
°C
-40
°C
V
SUPPLY = ±5V
55
60
65
70
75
80
85
90
95
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Short-Circuit Current
vs. Temperature
V
SUPPLY = ±9V
V
SUPPLY = ±5V
SOURCING
CURRENT
-40
-35
-30
-25
-20
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Short-Circuit Current
vs. Temperature
V
SUPPLY = ±9V
V
SUPPLY = ±5V
SINKING
CURRENT
20
40
60
80
100
23456
789
10
SUPPLY VOLTAGE (
±V)
Short-Circuit Current
vs. Supply Voltage
+85
°C
+25
°C
-40
°C
SOURCING
CURRENT
-40
-35
-30
-25
-20
-15
23456
789
10
SUPPLY VOLTAGE (
±V)
Short-Circuit Current
vs. Supply Voltage
+85
°C
+25
°C
-40
°C
SINKING
CURRENT
0
1
2
3
4
5
6
7
8
9
10
0
20406080
100
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
+85
°C
+25
°C
-40
°C
SOURCING
CURRENT
V
SUPPLY = ±9V
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-40
-30
-20
-10
0
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
+85
°C
+25
°C
-40
°C
SINKING
CURRENT
V
SUPPLY = ±9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com