Electronic Components Datasheet Search
  English  ▼

X  

MIC916 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC916
Description  Triple 135MHz Low-Power Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC916 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC916 Datasheet HTML 5Page - Micrel Semiconductor MIC916 Datasheet HTML 6Page - Micrel Semiconductor MIC916 Datasheet HTML 7Page - Micrel Semiconductor MIC916 Datasheet HTML 8Page - Micrel Semiconductor MIC916 Datasheet HTML 9Page - Micrel Semiconductor MIC916 Datasheet HTML 10Page - Micrel Semiconductor MIC916 Datasheet HTML 11Page - Micrel Semiconductor MIC916 Datasheet HTML 12Page - Micrel Semiconductor MIC916 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MIC916
Micrel
MIC916
12
September 2000
Package Information
45
°
0.2284 (5.801)
0.2240 (5.690)
SEATING
PLANE
0.009 (0.2286)
REF
0.012 (0.30)
0.008 (0.20)
0.157 (3.99)
0.150 (3.81)
0.050 (1.27)
0.016 (0.40)
0.0688 (1.748)
0.0532 (1.351)
0.196 (4.98)
0.189 (4.80)
0.025 (0.635)
BSC
PIN 1
DIMENSIONS:
INCHES (MM)
0.0098 (0.249)
0.0040 (0.102)
0.0098 (0.249)
0.0075 (0.190)
8
°
0
°
QSOP-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com