Electronic Components Datasheet Search
  English  ▼

X  

MIC916 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC916
Description  Triple 135MHz Low-Power Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC916 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC916 Datasheet HTML 1Page - Micrel Semiconductor MIC916 Datasheet HTML 2Page - Micrel Semiconductor MIC916 Datasheet HTML 3Page - Micrel Semiconductor MIC916 Datasheet HTML 4Page - Micrel Semiconductor MIC916 Datasheet HTML 5Page - Micrel Semiconductor MIC916 Datasheet HTML 6Page - Micrel Semiconductor MIC916 Datasheet HTML 7Page - Micrel Semiconductor MIC916 Datasheet HTML 8Page - Micrel Semiconductor MIC916 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MIC916
Micrel
MIC916
2
September 2000
Pin Description
Pin Number
Pin Name
Pin Function
1
INA–
Inverting Input A
2
V+(A)
Positive Supply Input (Op Amp A)
3
INA+
Noninverting Input A
4
INB–
Inverting Input B
5
INB+
Noninverting Input B
6
INC–
Inverting Input C
7
NC
Not Connected
8
INC+
Noninverting Input C
9
V+(C)
Positive Supply Input (Op Amp C)
10
OUTC
Output C
11
V–(C)
Negative Supply Input (Op Amp C)
12
V+(B)
Positive Supply Input(Op Amp B)
13
OUTB
Output B
14
V–(B)
Negative Supply Input (Op Amp B)
15
OUTA
Output A
16
V–(A)
Negative Supply Input (Op Amp A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com