Electronic Components Datasheet Search
  English  ▼

X  

MM5451BV Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MM5451BV
Description  LED Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BV Datasheet(HTML) 1 Page - Micrel Semiconductor

  MM5451BV Datasheet HTML 1Page - Micrel Semiconductor MM5451BV Datasheet HTML 2Page - Micrel Semiconductor MM5451BV Datasheet HTML 3Page - Micrel Semiconductor MM5451BV Datasheet HTML 4Page - Micrel Semiconductor MM5451BV Datasheet HTML 5Page - Micrel Semiconductor MM5451BV Datasheet HTML 6Page - Micrel Semiconductor MM5451BV Datasheet HTML 7Page - Micrel Semiconductor MM5451BV Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MM5450/5451
Micrel
May 2000
1
MM5450/5451
MM5450/5451
LED Display Driver
General Description
The MM5450 and MM5451 LED display drivers are monolithic
MOS IC’s fabricated in an N-Channel, metal-gate process.
The technology produces low-threshold, enhancement-mode,
and ion-implanted depletion-mode devices.
A single pin controls the LED display brightness by setting a
reference current through a variable resistor connected to
the supply.
Applications
•
Industrial control indicator
•
Relay driver
•
Digital clock, thermometer, counter, voltmeter
•
Instrumentation readouts
Features
•
Continuous brightness control
•
Serial data input
•
No load signal requirement
•
Enable (on MM5450)
•
Wide power supply operation
•
TTL compatibility
•
34 or 35 outputs, 15mA capability
•
Alphanumeric capability
870 01
Figure 1.
35 OUTPUT BUFFERS
35 LATCHES
35-BIT SHIFT
REGISTERS
LOAD
RESET
RESET
(only available
in die form)
SERIAL DATA
22
CLOCK
21
DATA ENABLE/OUT 35
(See Note 1)
23
19
20
24
OUT 34
18
OUT 1
1
BRIGHTNESS
CONTROL
VDD
Note 1: Pin 23 is Data Enable in MM5450
Pin 23 is Output 35 in MM5451
Block Diagram
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Junction Temp. Range
Package
MM5450BN
–40
°C to +85°C
40-pin Plastic DIP
MM5451BN
–40
°C to +85°C
40-pin Plastic DIP
MM5450BV
–40
°C to +85°C
44-pin PLCC
MM5451BV
–40
°C to +85°C
44-pin PLCC


Similar Part No. - MM5451BV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MM5451BV MICREL-MM5451BV Datasheet
741Kb / 6P
LED Display Driver
MM5451BV MICREL-MM5451BV Datasheet
283Kb / 9P
LED Display Driver
More results

Similar Description - MM5451BV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com