Electronic Components Datasheet Search
  English  ▼

X  

MM5451BV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MM5451BV
Description  LED Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MM5451BV Datasheet(HTML) 4 Page - Micrel Semiconductor

  MM5451BV Datasheet HTML 1Page - Micrel Semiconductor MM5451BV Datasheet HTML 2Page - Micrel Semiconductor MM5451BV Datasheet HTML 3Page - Micrel Semiconductor MM5451BV Datasheet HTML 4Page - Micrel Semiconductor MM5451BV Datasheet HTML 5Page - Micrel Semiconductor MM5451BV Datasheet HTML 6Page - Micrel Semiconductor MM5451BV Datasheet HTML 7Page - Micrel Semiconductor MM5451BV Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MM5450/5451
Micrel
MM5450/5451
4
May 2000
Absolute Maximum Ratings
Voltage (any pin) ...................................... V
SS to VSS +12V
Power Dissipation (P
D)
+25
°C ......................................................................... 1W
+85
°C .................................................................. 560mW
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 10 sec.) ................... +300
°C
Operating Ratings
Supply Voltage (V
DD – VSS) ....................... +4.75V to +11V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Electrical Characteristics
4.5V
≤ V
DD ≤ 11V, VSS = 0V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply Current
–25
°C to +85°C, excluding output loads
8.5
mA
–40
°C to +85°C, excluding output loads
10
mA
Data Input Voltage
V
L
logic-0 level,
±10µA input bias
–0.3
0.8
V
V
H
logic-1 level, 4.75V
≤ V
DD ≤ 5.25V
2.2
V
DD
V
V
DD > 5.25V
V
DD–2
V
DD
V
Brightness Control Input Current
Note 2
0
0.75
mA
Output Sink Current
segment off, V
OUT = 3.0V
10
µA
segment on, V
OUT = 1.0V, Note 3
brightness input = 0
µA
010
µA
brightness input = 100
µA
2.0
2.7
4
mA
brightness input = 750
µA
15
25
mA
Brightness Control Input Voltage
input current = 750
µA
3.0
4.3
V
Output Matching
Note 1
±20
%
f
C
Clock Input Frequency
Notes 5, 6
500
kHz
t
H
Clock Input High Time
Notes 5, 6
950
ns
t
L
Clock Input Low Time
Notes 5, 6
950
ns
t
DS
Data Input Setup Time
300
ns
t
DH
Data Input Hold Time
300
ns
t
DES
Data Enable Input Setup Time
100
ns
Reset Pad Current
die
8
µA
Note 1:
Output matching is calculated as the percent variation (I
MAX + IMIN) ÷ 2.
Note 2:
With a fixed resistor on the brightness input pin, some variation in brightness will occur among devices.
Maximum brightness control input current can be 2mA providing it complies with Note 3 and the junction temperature equation.
Note 3:
See Figures 7, 8 and 9 for recommended operating conditions and limits. Absolute maximum for each output should be limited to 40mA.
Note 4:
V
OUT should be regulated by the user. See Figures 8 and 9 for allowable VOUT vs. IOUT operation.
Note 5:
AC input waveform specification for test purpose: t
R ≤ 20ns, tF ≤ 20ns, f = 500kHz, 50% ±10% duty cycle.
Note 6:
Clock input rise and fall times must not exceed 300ns.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com