Electronic Components Datasheet Search
  English  ▼

X  

LM4819MBD Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4819MBD
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4819MBD Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4819MBD Datasheet HTML 9Page - Texas Instruments LM4819MBD Datasheet HTML 10Page - Texas Instruments LM4819MBD Datasheet HTML 11Page - Texas Instruments LM4819MBD Datasheet HTML 12Page - Texas Instruments LM4819MBD Datasheet HTML 13Page - Texas Instruments LM4819MBD Datasheet HTML 14Page - Texas Instruments LM4819MBD Datasheet HTML 15Page - Texas Instruments LM4819MBD Datasheet HTML 16Page - Texas Instruments LM4819MBD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LM4819, LM4819MBD
www.ti.com
SNAS133D – FEBRUARY 2001 – REVISED MARCH 2013
In order to eliminate "clicks and pops", all capacitors must be discharged before turn-on. Rapidly switching VDD
may not allow the capacitors to fully discharge, which may cause "clicks and pops".
AUDIO POWER AMPLIFIER DESIGN EXAMPLE
The following are the desired operational parameters:
Given:
Power Output
100mW
Load Impedance
16
Ω
Input Level
1Vrms (max)
Input Impedance
20k
Ω
Bandwidth
100Hz–20kHz ± 0.25dB
The design begins by specifying the minimum supply voltage necessary to obtain the specified output power. To
find this minimum supply voltage, use the Output Power vs. Supply Voltage graph in the Typical Performance
Characteristics section. From the graph for a 16
Ω load, (graphs are for 8Ω, 16Ω, and 32Ω loads) the supply
voltage for 100mW of output power with 1% THD+N is approximately 3.15 volts.
Additional supply voltage creates the benefit of increased headroom that allows the LM4819 to reproduce peaks
in excess of 100mW without output signal clipping or audible distortion. The choice of supply voltage must also
not create a situation that violates maximum dissipation as explained above in the Power Dissipation section. For
example, if a 3.3V supply is chosen for extra headroom then according to Equation 3 the maximum power
dissipation point with a 16
Ω load is 138mW. Using Equation 4 the maximum ambient temperature is 121°C for
the DGK0008A package and 126°C for the D0008A package.
After satisfying the LM4819's power dissipation requirements, the minimum differential gain is found using
Equation 6.
(6)
Thus a minimum gain of 1.27 V/V allows the LM4819 to reach full output swing and maintain low noise and
THD+N performance. For this example, let AVD = 1.27. The amplifier's overall gain is set using the input (Ri) and
feedback (RF) resistors. With the desired input impedance set to 20kΩ, the feedback resistor is found using
Equation 7.
RF/Ri = AVD/2 (V/V)
(7)
The value of RF is 13kΩ.
The last step in this design example is setting the amplifier's -3dB frequency bandwidth. To achieve the desired
±0.25dB pass band magnitude variation limit, the low frequency response must extend to at least one-fifth the
lower bandwidth limit and the high frequency response must extend to at least five times the upper bandwidth
limit. The gain variation for both response limits is 0.17dB, well with in the ±0.25dB desired limit.
The results are:
fL = 100Hz/5 = 20Hz
fH = 20 kHz*5 = 100kHz
As mentioned in the External Components section, Ri and Ci create a high pass filter that sets the amplifier's
lower band pass frequency limit. Find the coupling capacitor's value using Equation 8.
Ci ≥ 1/(2πRifc) (F)
(8)
Ci ≥ 0.398µF, a standard value of 0.39µF will be used. The product of the desired high frequency cutoff (100kHz
in this example) and the differential gain, AVD, determines the upper pass band response limit. With AVD = 1.27
and fH = 100kHz, the closed-loop gain bandwidth product (GBWP) is 127kHz. This is less than the LM4819's
900kHz GBWP. With this margin the amplifier can be used in designs that require more differential gain while
avoiding performance restricting bandwidth limitations.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4819 LM4819MBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com