Electronic Components Datasheet Search
  English  ▼

X  

LM4819MBD Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4819MBD
Description  350mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4819MBD Datasheet(HTML) 3 Page - Texas Instruments

  LM4819MBD Datasheet HTML 1Page - Texas Instruments LM4819MBD Datasheet HTML 2Page - Texas Instruments LM4819MBD Datasheet HTML 3Page - Texas Instruments LM4819MBD Datasheet HTML 4Page - Texas Instruments LM4819MBD Datasheet HTML 5Page - Texas Instruments LM4819MBD Datasheet HTML 6Page - Texas Instruments LM4819MBD Datasheet HTML 7Page - Texas Instruments LM4819MBD Datasheet HTML 8Page - Texas Instruments LM4819MBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LM4819, LM4819MBD
www.ti.com
SNAS133D – FEBRUARY 2001 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation (PD)
(4)
Internally Limited
ESD Susceptibility(5)
3.5kV
ESD Susceptibility(6)
250V
Junction Temperature (TJ)
150°C
Soldering Information
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
Thermal Resistance
θJC (VSSOP)
56°C/W
θJA (VSSOP)
210°C/W
θJC (SOIC)
35°C/W
θJA (SOIC)
170°C/W
θJA (WSON)
117°C/W(7)
θJA (WSON)
150°C/W(8)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. However, the typical value is a good indication
of device's performance.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA. For the LM4819, TJMAX = 150°C and the typical junction-to-
ambient thermal resistance (
θJA) when board mounted is 210°C/W for the VSSOP package and 170°C/W for the SOIC package.
(5)
Human body model, 100pF discharged through a 1.5 k
Ω resistor.
(6)
Machine Model, 220pF–240pF capacitor is discharged through all pins.
(7)
The given
θJA is for an LM4819 package in an NGL0008B with the Exposed-DAP soldered to a printed circuit board copper pad with an
area equivalent to that of the Exposed-DAP itself. The Exposed-DAP of the NGL0008B package should be electrically connected to
GND or an electrically isolated copper area.
(8)
The given
θJA is for an LM4819 package in an NGL0008B with the Exposed-DAP not soldered to any printed circuit board copper.
Operating Ratings
(1) (2)
Temperature Range
−40°C ≤ TA ≤ 85°C
TMIN ≤ TA ≤ TMAX
Supply Voltage
2.0V
≤ VCC ≤ 5.5V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. However, the typical value is a good indication
of device's performance.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4819 LM4819MBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com