Electronic Components Datasheet Search
  English  ▼

X  

LM4875 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4875 Datasheet(HTML) 5 Page - Texas Instruments

  LM4875_15 Datasheet HTML 1Page - Texas Instruments LM4875_15 Datasheet HTML 2Page - Texas Instruments LM4875_15 Datasheet HTML 3Page - Texas Instruments LM4875_15 Datasheet HTML 4Page - Texas Instruments LM4875_15 Datasheet HTML 5Page - Texas Instruments LM4875_15 Datasheet HTML 6Page - Texas Instruments LM4875_15 Datasheet HTML 7Page - Texas Instruments LM4875_15 Datasheet HTML 8Page - Texas Instruments LM4875_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM4875
www.ti.com
SNAS042C – JANUARY 2002 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Power Dissipation vs Load Resistance
Power Dissipation vs Output Power
Figure 8.
Figure 9.
Power Derating Curve
Clipping Voltage vs RL
Figure 10.
Figure 11.
Frequency Response vs
Noise Floor
Input Capacitor Size
Figure 12.
Figure 13.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com