Electronic Components Datasheet Search
  English  ▼

X  

LM4875 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4875 Datasheet(HTML) 2 Page - Texas Instruments

  LM4875_15 Datasheet HTML 1Page - Texas Instruments LM4875_15 Datasheet HTML 2Page - Texas Instruments LM4875_15 Datasheet HTML 3Page - Texas Instruments LM4875_15 Datasheet HTML 4Page - Texas Instruments LM4875_15 Datasheet HTML 5Page - Texas Instruments LM4875_15 Datasheet HTML 6Page - Texas Instruments LM4875_15 Datasheet HTML 7Page - Texas Instruments LM4875_15 Datasheet HTML 8Page - Texas Instruments LM4875_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM4875
SNAS042C – JANUARY 2002 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
Power Dissipation(3)
Internally Limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
150°C
Vapor Phase (60 sec.)
215°C
Soldering Information
Infrared (15 sec.)
220°C
θJC (D)
35°C/W
θJA (D)
150°C/W
Thermal Resistance
θJC (DGK)
56°C/W
θJA (DGK)
190°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions that ensure specific performance limits. This assumes that the device operates within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. The typical value, however, is a good
indication of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM4875M, TJMAX = 150°C.
(4)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(5)
Machine Model, 220pF–240pF discharged through all pins.
OPERATING RATINGS
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com