Electronic Components Datasheet Search
  English  ▼

X  

IPD65R650CE Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IPD65R650CE
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R650CE Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IPD65R650CE Datasheet HTML 9Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 10Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 11Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 12Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 13Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 14Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 15Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 16Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
650VCoolMOS™CEPowerTransistor
IPD65R650CE,IPA65R650CE
Rev.2.0,2015-04-16
Final Data Sheet
6TestCircuits
Table9Diodecharacteristics
Test circuit for diode characteristics
Diode recovery waveform
t
V ,I
Irrm
IF
VDS
10 %Irrm
trr
tF
tS
QF
QS
dIF / dt
dIrr / dt
VDS(peak)
Qrr = QF + QS
trr =tF +tS
VDS
IF
VDS
IF
Rg1
Rg 2
Rg1 = Rg 2
Table10Switchingtimes
Switching times test circuit for inductive load
Switching times waveform
VDS
VGS
td(on)
td(off)
tr
ton
tf
toff
10%
90%
VDS
VGS
Table11Unclampedinductiveload
Unclamped inductive load test circuit
Unclamped inductive waveform
VDS
V(BR)DS
ID
VDS
VDS
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com