Electronic Components Datasheet Search
  English  ▼

X  

IPD65R650CE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD65R650CE
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R650CE Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD65R650CE Datasheet HTML 1Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 2Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 3Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 4Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 5Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 6Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 7Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 8Page - Infineon Technologies AG IPD65R650CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
650VCoolMOS™CEPowerTransistor
IPD65R650CE,IPA65R650CE
Rev.2.0,2015-04-16
Final Data Sheet
tab
1
2
3
DPAK
TO-220FP
Drain
Pin 2, Tab
Gate
Pin 1
Source
Pin 3
1Description
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.CoolMOS™CEisa
price-performanceoptimizedplatformenablingtotargetcostsensitive
applicationsinConsumerandLightingmarketsbystillmeetinghighest
efficiencystandards.Thenewseriesprovidesallbenefitsofafast
switchingSuperjunctionMOSFETwhilenotsacrificingeaseofuseand
offeringthebestcostdownperformanceratioavailableonthemarket.
Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•QualifiedforconsumergradeapplicationsaccordingtoJEDEC(J-STD20
andJESD22)
Applications
PFCstages,hardswitchingPWMstagesandresonantswitchingstages
fore.g.PCSilverbox,Adapter,LCD&PDPTVandLighting.
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
700
V
RDS(on),max
650
m
Ω
Qg.typ
23
nC
ID,pulse
18
A
Eoss@400V
2
µJ
Body diode di/dt
500
A/µs
Type/OrderingCode
Package
Marking
RelatedLinks
IPD65R650CE
PG-TO 252
IPA65R650CE
PG-TO 220 FullPAK
65CE650
see Appendix A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com