Electronic Components Datasheet Search
  English  ▼

X  

LM48512 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48512 Datasheet HTML 9Page - Texas Instruments LM48512 Datasheet HTML 10Page - Texas Instruments LM48512 Datasheet HTML 11Page - Texas Instruments LM48512 Datasheet HTML 12Page - Texas Instruments LM48512 Datasheet HTML 13Page - Texas Instruments LM48512 Datasheet HTML 14Page - Texas Instruments LM48512 Datasheet HTML 15Page - Texas Instruments LM48512 Datasheet HTML 16Page - Texas Instruments LM48512 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM48512
www.ti.com
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
POWER DISSIPATION AND EFFICIENCY
The major benefit of a Class D amplifier is increased efficiency versus a Class AB. The efficiency of the
LM48512 is attributed to the region of operation of the transistors in the output stage. The Class D output stage
acts as current steering switches, consuming negligible amounts of power compared to their Class AB
counterparts. Most of the power loss associated with the output stage is due to the IR loss of the MOSFET on-
resistance, along with switching losses due to gate charge.
SHUTDOWN FUNCTION
The LM48512 features a low current shutdown mode. Set SDREG = SDAMP = GND to disable the amplifier and
reduce supply current to 0.04
μA.
Switch SDREG and SDAMP between GND and VDD for minimum current consumption is shutdown. The
LM48512 may be disabled with shutdown voltages in between GND and VDD, the idle current will be greater than
the typical 0.1
μA value. Increased THD+N may also be observed when a voltage of less than VDD is applied to
SDREG and SDAMP.
PROPER SELECTION OF EXTERNAL COMPONENTS
Inductor Selection
The LM48512 is designed to use a 2.2
μH inductor. When the boost converter is boosting, the inductor will
typically be the biggest area of efficiency loss in the boost converter circuitry, therefore, choosing an inductor with
the lowest possible series resistance is important. In addition to the series resistance, the saturation rating of the
inductor should also be greater than the maximum operating peak current.
Boost Output Capacitor Selection
The boost converter in the LM48512 is designed to operate with a 22
μF ceramic output capacitor. When the
boost converter is running, the output capacitor supplies the load current during the boost converter on-time.
When the NMOS switch turns off, the inductor energy is discharged through the internal PMOS switch, supplying
power to the load and restoring charge to the output capacitor. This causes a sag in the output voltage (PVOUT)
during the on-time and a rise in the output voltage during the off-time. The output capacitor is chosen to limit this
output ripple and to ensure the converter remains stable.
AUDIO AMPLIFIER POWER SUPPLY BYPASSING/FILTERING
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitors as close to the device as possible. A 10
μF and a 1μF bypass capacitors are recommended to
increase supply stability.
AUDIO AMPLIFIER INPUT CAPACITOR SELECTION
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM48512. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using Equation 1 below.
f = 1 / 2
πRINCIN
(1)
Where RIN is the value of the input resistor given in the Electrical Characteristics table.
The input capacitors can also be used to remove low frequency content from the audio signal. Small speakers
cannot reproduce, and may even be damaged by low frequencies. High pass filtering the audio signal helps
protect the speakers. When the LM48512 is using a single-ended source, power supply noise on the ground is
seen as an input signal. Setting the high-pass filter point above the power supply noise frequencies (for example,
217Hz in a GSM phone), filters out the noise such that it is not amplified and heard on the output. Capacitors
with a tolerance of 10% or better are recommended for impedance matching and improved CMRR and PSRR.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com