Electronic Components Datasheet Search
  English  ▼

X  

LM48512 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48512
Description  Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48512 Datasheet(HTML) 3 Page - Texas Instruments

  LM48512 Datasheet HTML 1Page - Texas Instruments LM48512 Datasheet HTML 2Page - Texas Instruments LM48512 Datasheet HTML 3Page - Texas Instruments LM48512 Datasheet HTML 4Page - Texas Instruments LM48512 Datasheet HTML 5Page - Texas Instruments LM48512 Datasheet HTML 6Page - Texas Instruments LM48512 Datasheet HTML 7Page - Texas Instruments LM48512 Datasheet HTML 8Page - Texas Instruments LM48512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
XYTT
GN3
LM48512
www.ti.com
SNAS497A – OCTOBER 2010 – REVISED APRIL 2012
16 – Bump micro SMD Markings
Figure 3. Top View
XY = Date Code
TT = Die Traceability
G = Boomer Family
N3 = LM48512TL
Pin Functions
Pin Descriptions
PIN
NAME
DESCRIPTION
A1
PVDD
Amplifier Power Supply Input. Connect to PVOUT.
A2
PVOUT
Boost Converter Output
A3
SW
Boost Converter Switching Node
A4
PGND
Boost Converter Power Ground
B1
OUTA
Non-Inverting Amplifier Output
B2
GAIN
Gain Select Input
B3
RTRIP
Boost Supply Threshold Voltage Set Pin
B4
VDD
Power Supply
C1
OUTB
Inverting Amplifier Output
C2, D1
PGND
Class D Power Ground
C3
SDAMP
Active Low Amplifier Shutdown Input. Connect to VDD for normal operation.
C4
GND
Ground
D2
IN+
Non-Inverting Amplifier Input
D3
IN-
Inverting Amplifier Input
D4
SDREG
Active Low Boost Converter Shutdown Input. Connect to VDD for normal operation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com